Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 20 of 44
IF – FDEV
IF + FDEV
I
IF
Q
LIMITERS
0
R4_DB(10:19)
R3_DB(10:17)
R4_DB(7)
R4_DB(9)
RxDATA
RxCLK
SLICER
FREQUENCY CORRELATOR
R4_DB(20:29)
Figure 21. FSK Correlator/Demodulator Block Diagram
Postdemodulator Filter
A second-order, digital low-pass filter removes excess noise
from the demodulated bit stream at the output of the
discriminator. The bandwidth of this postdemodulator filter is
programmable and must be optimized for the user’s data rate. If
the bandwidth is set too narrow, performance is degraded due
to intersymbol interference (ISI). If the bandwidth is set too
wide, excess noise degrades the receiver’s performance.
Typically, the 3 dB bandwidth of this filter is set at
approximately 0.75 times the user’s data rate, using Bits
R4_DB[20:29].
Bit Slicer
The received data is recovered by threshold detecting the output of
the postdemodulator low-pass filter. In the correlator/demodulator,
the binary output signal levels of the frequency discriminator are
always centered on 0. Therefore, the slicer threshold level can be
fixed at 0 and the demodulator performance is independent of
the run-length constraints of the transmit data bit stream. This
results in robust data recovery, which does not suffer from the
classic baseline wander problems that exist in the more traditional
FSK demodulators.
Frequency errors are removed by an internal AFC loop that
measures the average IF frequency at the limiter output and
applies a frequency correction value to the fractional-N
synthesizer. This loop should be activated when the frequency
errors are greater than approximately 40% of the transmit
frequency deviation.
Data Synchronizer
An oversampled digital PLL is used to resynchronize the
received bit stream to a local clock. The oversampled clock rate
of the PLL (CDR_CLK) must be set at 32 times the data rate.
See the Register 3—Transmit/Receive Clock Register section for
programming notes. The clock recovery PLL can accommodate
frequency errors of up to ±2%.
FSK Correlator Register Settings
To enable the FSK correlator/demodulator, Bits R4_DB[4:6]
should be set to 001. To achieve best performance, the
bandwidth of the 2FSK correlator must be optimized for the
specific deviation frequency that is used by the 2FSK
transmitter.
The discriminator BW is controlled in Register 4 by DB[10:19]
and is defined as
Discriminator_BW = DEMOD_CLK × K/(400 × 103)
where:
DEMOD_CLK is as defined in the Register 3—
Transmit/Receive Clock Register Comments section.
K = Round (100e3/Fdeviation) and Fdeviation is the 2FSK
frequency deviation in Hz.
To optimize the coefficients of the 2FSK correlator, Bits R4_DB7
and R4_DB[8:9] must be assigned. The value of these bits
depends on whether K is odd or even. These bits are assigned
according to Table 10 and Table 11.
Table 10. When K Is Even
K
K/2
R4_DB7
R4_DB[8:9]
Even
Even
0
00
Even
Odd
0
10
Table 11. When K Is Odd
K
(K + 1)/2
R4_DB7
R4_DB[8:9]
Odd
Even
1
00
Odd
Odd
1
10
Postdemodulator Bandwidth Register Settings
The 3 dB bandwidth of the postdemodulator filter is controlled
by Bits R4_DB[20:29] and is given by
CLK
_
DEMOD
F
π
Setting
_
BW
_
Demod
_
Post
CUTOFF
×
×
=
11
2
where:
FCUTOFF is the target 3 dB bandwidth in Hz of the postdemodulator
filter. This should typically be set to 0.75 times the data rate (DR).
Some sample settings for the FSK correlator/demodulator are
DEMOD_CLK = 11.0592 MHz
DR = 9.6 kbps
FDEV = 4.8 kHz
therefore,
FCUTOFF = 0.75 × 9.6 × 103 Hz
Post_Demod_BW = 211 × π × 7.2 × 103 Hz/(11.0592 × 106)
Post_Demod_BW = Round(4.188) = 4
and
K = Round(100 kHz)/4.8 kHz) = 21
Discriminator_BW = (11.0592 × 106 × 21)/(400 × 103) =
580.6 = 581 (rounded to nearest integer)
Table 12. Example Register Settings
Setting Name
Register Address
Value
Post_Demod_BW
R4_DB[20:29]
0x04
Discriminator BW
R4_DB[10:19]
0x245
Dot Product
R4_DB7
1
Rx Data Invert
R4_DB[8:9]
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com