Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 31 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 31 of 44
REGISTER 3—TRANSMIT/RECEIVE CLOCK REGISTER
FS8
0
0
.
1
1
FS7
0
0
.
1
1
FS3
0
0
.
1
1
...
...
...
...
...
...
FS2
0
1
.
1
1
FS1
1
0
.
0
1
CDR_CLK_DIVIDE
1
2
.
254
255
BK2
0
0
1
1
BK1
0
1
0
1
BBOS_CLK_DIVIDE
4
8
16
32
SK8
0
0
.
1
1
SK7
0
0
.
1
1
SK3
0
0
.
1
1
...
...
...
...
...
...
SK2
0
1
.
1
1
SK1
1
0
.
0
1
SEQ_CLK_DIVIDE
1
2
.
254
255
OK2
0
0
...
1
OK1
0
1
...
1
DEMOD_CLK_DIVIDE
INVALID
1
...
15
SEQUENCER CLOCK DIVIDE
AGC CLOCK DIVIDE
CDR CLOCK DIVIDE
DEMOD
CLOCK DIVIDE
ADDRESS
BITS
GD6
0
0
...
1
GD5
0
0
...
1
GD3
0
0
...
1
GD4
0
0
...
1
GD2
0
0
...
1
GD1
0
1
...
1
AGC_CLK_DIVIDE
INVALID
1
...
127
OK3
0
0
...
1
0
0
...
1
OK4
Figure 35.
Register 3—Transmit/Receive Clock Register Comments
•
Baseband offset clock frequency (BBOS_CLK) must be greater than 1 MHz and less than 2 MHz, where:
DIVIDE
CLK
BBOS
XTAL
CLK
BBOS
_
_
_
=
•
Set the demodulator clock (DEMOD_CLK) such that 2 MHz ≤ DEMOD_CLK ≤ 15 MHz, where:
DIVIDE
CLK
DEMOD
XTAL
CLK
DEMOD
_
_
_
=
•
Data/clock recovery frequency (CDR _CLK) needs to be within 2% of (32 × data rate). The user should choose CDR_CLK frequency
to be as high as possible without breaking this 2% constraint or breaking the DEMOD_CLK condition. This 2% constraint can also
affect the choice of XTAL frequency, depending on the desired data rate.
DIVIDE
CLOCK
CDR
CLK
DEMOD
CLK
CDR
_
_
_
_
=
The sequencer clock (SEQ_CLK) supplies the clock to the digital receive block. It should be as close to 100 kHz as possible.
DIVIDE
CLOCK
SEQUENCER
XTAL
CLK
SEQ
_
_
_
=
•
The time allowed for each AGC step to settle is determined by the AGC update rate. It should be set close to 20 kHz.
DIVIDE
AGC
CLK
SEQ
Rate
Update
AGC
_
_
[Hz] =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com