Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 29 of 44
REGISTER 1—VCO/OSCILLATOR REGISTER
R3
R2
R1
RF R COUNTER
DIVIDE RATIO
0
0
.
.
.
1
1
2
.
.
.
7
1
0
.
.
.
1
0
1
.
.
.
1
X1 XTAL OSC
0OFF
1ON
VA2
VA1
VCO CENTER
FREQ ADJUST
0
NOMINAL
0
VCO ADJUST UP 1
1
VCO ADJUST UP 2
1
0
1
0
1
VCO ADJUST UP 3
D1
XTAL
DOUBLER
0
DISABLE
ENABLED
1
CP2
CP1
RSET
ICP (mA)
3.6kΩ
00
0.3
01
0.9
10
1.5
11
2.1
VB4
VB3
VB2
VB1
VCO BIAS
CURRENT
00.25mA
00.5mA
.
1
1
0
.
1
0
1
.
1
0
0
.
14mA
CL4
CL3
CL2
CL1
CLKOUT
DIVIDE RATIO
0
OFF
0
0
.
.
.
1
0
1
0
.
.
.
1
2
4
.
.
.
0
0
1
.
.
.
1
0
0
0
.
.
.
1
30
VCO BIAS
CLOCKOUT
DIVIDE
ADDRESS
BITS
RCOUNTER
XTAL
BIAS
XB2 XB1
XTAL
BIAS
020µA
025µA
130µA
1
0
1
0
135µA
VB1 VCO ÷2
0
÷2 OFF
÷2 ON
1
LOOP
CONDITION
VCO OFF
VCO ON
VE1
0
1
VCO
INDUCTOR
INTERNAL
EXTERNAL
VCL1
0
1
Figure 33.
Register 1—VCO/Oscillator Register N Comments
•
R_DIVIDE and XTAL DOUBLER
If XTAL DOUBLER = 0,
DIVIDE
_
R
XTAL
PFD
=
If XTAL DOUBLER =1,
DIVIDE
_
R
XTAL
PFD
2
×
=
•
CLOCKOUT is a divided-down version of the XTAL and is available on Pin 36 (CLKOUT).
•
XOSC_ENABLE should be set high when using an external crystal. If using an external oscillator (such as TCXO, OCXO) with
CMOS-level outputs into Pin OSC2, the XOSC enable should be set low.
•
The VCO_ADJUST bits adjust the center of the VCO operating band. Each bit typically adjusts the VCO band up by 1% of the RF
operating frequency (0.5% if divide-by-2 is enabled).
•
Setting VCO_INDUCTOR to external allows the use of an external VCO tank inductor, which gives RF operating frequencies of
80 Hz to 650 MHz. If the internal inductor is being used for operation, this bit should be set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com