Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 11Page - Analog Devices ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 15 of 44
TRANSMITTER
RF OUTPUT STAGE
The power amplifier (PA) of the ADF7021 is based on a single-
ended, controlled current, open-drain amplifier that has been
designed to deliver up to 13 dBm into a 50 Ω load at a
maximum frequency of 940 MHz.
The PA output current and, consequently, the output power are
programmable over a wide range. The PA configuration is shown
in Figure 14. The output power is set using Bits R2_DB[13:18].
IDAC
2
6
R2_DB(13:18)
R2_DB7
R2_DB(11:12)
+
RFGND
RFOUT
FROM VCO
R0_DB27
Figure 14. PA Configuration in FSK/GFSK Mode
The PA is equipped with overvoltage protection, which makes it
robust in severe mismatch conditions. Depending on the appli-
cation, users can design a matching network for the PA to
exhibit optimum efficiency at the desired radiated output power
level for a wide range of different antennas, such as loop or
mono-pole antennas. See the LNA/PA Matching section for
details.
PA Ramping
When the PA is switched on or off quickly, its changing input
impedance momentarily disturbs the VCO output frequency.
This process is called VCO pulling, and it manifests as spectral
splatter, or spurs in the output spectrum around the desired
carrier frequency. Some radio emissions regulations now place
limits on these PA transient-induced spurs (for example,
ETSI EN 300-220). By gradually ramping the PA on and off, PA
transient spurs can be minimized. The ADF7021 has built-in
PA ramping configurability. As Figure 15 illustrates, there are
eight ramp rate settings, defined as a certain number of PA
setting codes per one data-bit period. The PA steps through
each of its 64 code levels, but at different speeds for each setting.
The ramp rate is set by configuring Bits R2_DB[8:10].
If the PA is enabled/disabled by the PA_ENABLE bit in
Register 2 (R2_DB7) it ramps up at the programmed rate but
turns hard off. If the PA is enabled/disabled by the TX_RX bit
in Register 0 (R0_DB27), it ramps up and down at the
programmed rate.
DATA BITS
PA RAMP 0
(NO RAMP)
PA RAMP 1
(256 CODES/BIT)
PA RAMP 2
(128 CODES/BIT)
PA RAMP 3
(64 CODES/BIT)
PA RAMP 4
(32 CODES/BIT)
PA RAMP 5
(16 CODES/BIT)
PA RAMP 6
(8 CODES/BIT)
PA RAMP 7
(4 CODES/BIT)
1
2
3
4
...
8
...
16
Figure 15. PA Ramping Settings
PA Bias Currents
Control Bits R2_DB[11:12] facilitate an adjustment of the PA
bias current to further extend the output power control range, if
necessary. If this feature is not required, the default value of
7 μA is recommended. If output power of greater than 10 dBm
is required, a PA bias setting of 11 μA is recommended. The
output stage is powered down by resetting Bit R2_DB7.
MODULATION SCHEMES
In all modulation schemes, an accurate clock is provided on the
DATA_CLK pin to latch the data from the microcontroller into
the transmit section at the exact required data rate. The exact
frequency of this clock is defined by:
32
×
×
=
DIVIDER
_
CDR
DIVIDER
_
DEMOD
XTAL
CLK
_
DATA
where:
XTAL is the crystal frequency.
DEMOD_DIVIDER is the divider that sets the demod-clock rate
(R3_DB[6:9]).
CDR_DIVIDER is the divider that sets the CDR clock rate
(R3_DB[10:17]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com