Electronic Components Datasheet Search
  English  ▼

X  

ADF7021 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 8Page - Analog Devices ADF7021 Datasheet HTML 9Page - Analog Devices ADF7021 Datasheet HTML 10Page - Analog Devices ADF7021 Datasheet HTML 11Page - Analog Devices ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 12 of 44
FREQUENCY SYNTHESIZER
REFERENCE INPUT
The on-board crystal oscillator circuitry (see Figure 7) can use
an inexpensive quartz crystal as the PLL reference. The oscil-
lator circuit is enabled by setting R1_DB12 high. It is enabled by
default on power-up and is disabled by bringing CE low. Errors
in the crystal can be corrected by using the automatic frequency
control feature or by adjusting the fractional-N value (see the N
Counter section). A single-ended reference (TCXO, CXO) can
also be used. The CMOS levels should be applied to OSC2 with
R1_DB12 set low.
OSC1
CP1
CP2
OSC2
Figure 7. Oscillator Circuit on the ADF7021
Two parallel resonant capacitors are required for oscillation at
the correct frequency. Their values are dependent upon the
crystal specification. They should be chosen to make sure that
the series value of capacitance added to the PCB track
capacitance adds up to the load capacitance of the crystal,
usually 18 pF to 20 pF. Track capacitance values vary from 2 pF
to 5 pF, depending on board layout. When possible, choose
capacitors that have a very low temperature coefficient to
ensure stable frequency operation over all conditions.
Programmable Crystal Bias Current
Bias current in the oscillator circuit can be configured between
20 μA and 35 μA by writing to Bits R1_DB[13:14].
CLKOUT Divider and Buffer
The CLKOUT circuit takes the reference clock signal from the
oscillator section, shown in Figure 7, and supplies a divided-
down 50:50 mark-space signal to the CLKOUT pin. An even
divide from 2 to 30 is available. This divide number is set in
R1_DB[7:10]. On power-up, the CLKOUT defaults to divide-by-8.
DVDD
CLKOUT
ENABLE BIT
CLKOUT
OSC1
DIVIDER
1TO 15
÷2
Figure 8. CLKOUT Stage
To disable CLKOUT, set the divide number to 0. The output
buffer can drive up to a 20 pF load with a 10% rise time at
4.8 MHz. Faster edges can result in some spurious feedthrough
to the output. A small series resistor (50 Ω) can be used to slow
the clock edges to reduce these spurs at FCLK.
R Counter
The 3-bit R counter divides the reference input frequency by an
integer from 1 to 7. The divided-down signal is presented as the
reference clock to the phase frequency detector (PFD). The
divide ratio is set in Register 1. Maximizing the PFD frequency
reduces the N value. This reduces the noise multiplied at a rate
of 20 log(N) to the output and reduces occurrences of spurious
components. Register 1 defaults to R = 1 on power-up:
PFD [Hz] = XTAL/R
Loop Filter
The loop filter integrates the current pulses from the charge
pump to form a voltage that tunes the output of the VCO to the
desired frequency. It also attenuates spurious levels generated by
the PLL. A typical loop filter design is shown in Figure 9.
CHARGE
PUMP OUT
VCO
Figure 9. Typical Loop Filter Configuration
The loop should be designed so that the loop bandwidth (LBW)
is approximately three times the data rate. Widening the LBW
excessively reduces the time spent jumping between
frequencies, but can cause insufficient spurious attenuation.
Narrow-loop bandwidths can result in the loop taking long
periods of time to attain lock. Careful design of the loop filter is
critical to obtain accurate modulation.
When using the Gaussian or raised cosine data filtering options,
it is recommended to use a LBW of 2.0 to 2.5 times the data rate
to ensure that sufficient samples of the input data are taken
while filtering system noise. The free design tool ADIsimPLL
can be used to design loop filters for the ADF7021.
N Counter
The feedback divider in the ADF7021 PLL consists of an 8-bit
integer counter and a 15-bit Σ-Δ fractional-N divider. The
integer counter is the standard pulse-swallow type common in
PLLs. This sets the minimum integer divide value to 23. The
fractional divide value gives very fine resolution at the output,
where the output frequency of the PLL is calculated as
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
×
=
15
2
_
N
Fractional
N
Integer
R
XTAL
F
OUT
When VCO divide-by-2 (see the Voltage Controlled Oscillator
(VCO) section) is selected, this formula becomes:
⎟
⎠
⎞
⎜
⎝
⎛
−
+
×
×
=
15
2
0.5
N
Fractional
Integer_N
R
XTAL
F
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com