Electronic Components Datasheet Search
  English  ▼

X  

MPC505 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC505
Description  PowerPC™ MPC505 RISC Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC505 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC505 Datasheet HTML 1Page - NXP Semiconductors MPC505 Datasheet HTML 2Page - NXP Semiconductors MPC505 Datasheet HTML 3Page - NXP Semiconductors MPC505 Datasheet HTML 4Page - NXP Semiconductors MPC505 Datasheet HTML 5Page - NXP Semiconductors MPC505 Datasheet HTML 6Page - NXP Semiconductors MPC505 Datasheet HTML 7Page - NXP Semiconductors MPC505 Datasheet HTML 8Page - NXP Semiconductors MPC505 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC505
MOTOROLA
MPC505ADI/D
3
FEATURES
• Single-Chip Microcontroller
• RISC MCU Central Processing Unit (RCPU)
— 32-Bit PowerPC Architecture
— Single-Issue Processor
— Integrated Floating-Point Unit
— Branch Prediction for Prefetch
— Branch Folding
— 32 x 32 Bits General-Purpose Register File
— 32 x 64 Bits Floating-Point Register File
— Precise Exception Model
— Internal Harvard Architecture: Load/Store Bus (L-Bus), Instruction Bus (I-Bus)
• System Interface Unit (SIU)
— Chip-Select Logic to Reduce or Eliminate External Decoding Logic
— Supports a Variety of Memory Types (SRAM, EEPROM)
— Supports 16- and 32-bit Devices
— System Protection Features Including Bus Monitor, Decrementer, and Periodic Interrupt
Timer
— On-Chip Phase-Locked Loop (PLL)
— Five Dual-Purpose I/O Ports, Two Dual-Purpose Output Ports
• Peripheral Control Unit (PCU)
— Software Watchdog
— Interrupt Controller to Manage External and Internal Interrupts to the CPU
— Dual-Purpose I/O Port
— L-bus IMB Interface (LIMB) Connecting L-Bus to Intermodule Bus 2 (IMB2)
• Development Support
— Internal Breakpoints
— External Watchpoints
— Internal Bus Visibility
— Program Flow Tracking
— Development Port
• 4-Kbyte On-Chip Instruction Cache (I-Cache)
• 4-Kbyte On-Chip Static RAM (SRAM)
• 3.3-V Supply Voltage
• Frequency: dc to 25 MHz (40 MHz in Future Versions)
• Power Consumption: 530 mW @ 25 MHz
• Interrupt Response Time: Less than 1 s @ 25 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com