Electronic Components Datasheet Search
  English  ▼

X  

MPC505 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC505
Description  PowerPC™ MPC505 RISC Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC505 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC505 Datasheet HTML 2Page - NXP Semiconductors MPC505 Datasheet HTML 3Page - NXP Semiconductors MPC505 Datasheet HTML 4Page - NXP Semiconductors MPC505 Datasheet HTML 5Page - NXP Semiconductors MPC505 Datasheet HTML 6Page - NXP Semiconductors MPC505 Datasheet HTML 7Page - NXP Semiconductors MPC505 Datasheet HTML 8Page - NXP Semiconductors MPC505 Datasheet HTML 9Page - NXP Semiconductors MPC505 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MOTOROLA
MPC505
6
MPC505ADI/D
SYSTEM INTERFACE UNIT
The system interface unit (SIU) consists of several blocks. These blocks control the buses of the
chip, provide the clocks, and provide miscellaneous functions for the system, such as chip selects,
test control, reset control, and I/O ports.
The MPC505 has an internal Harvard architecture and a single external bus. The internal buses are
the instruction bus (I-bus) and the load/store bus (L-bus). The external bus interface (EBI) connects
each of these internal buses with the external bus (E-bus). The chip select block provides user-pro-
grammable chip selects to select external memory or peripherals. The clock block controls the gen-
eration of the system clocks and such features as programmability of the clocks and low-power
modes. The reset control function interfaces to the reset pins and provides a reset status register.
The I/O ports provide untimed I/O functions on pins that are not used for their primary function.
External Bus Interface
The external bus interface (EBI) interfaces the external bus (E-bus) with the two internal buses
(I-bus and L-bus). The E-bus can perform synchronous, pipeline, or burst transfers. Signals driven
onto the E-bus are required to meet the set-up and hold times relative to the bus clock’s rising edge.
The bus has the ability to support multiple masters, but its protocol is optimized for a single-proces-
sor environment.
Major features of the EBI include the following:
• No external glue logic required for a simple system.
• Supports a variety of memory devices (SRAM, EEPROM).
• Fast (one-clock) arbitration possible.
• Bus is synchronous — all signals are referenced to the rising edge of the bus clock.
• 32-bit data bus, 32-bit address bus with byte enables.
• Protocol allows wait states to be inserted before handshaking signals are asserted.
• Supports 16- and 32-bit devices.
• Bus electrical specification minimizes system power consumption.
Chip Selects
Typical microcontrollers require additional hardware to provide external chip-select signals. On the
MPC505, the chip-select logic controls the peripheral devices of typical uniprocessor systems. This
allows users to implement simple systems without the need to design any external glue logic.
Major features of the chip-select module include the following:
• No external glue logic required for typical systems if the chip-select module is used.
• Modular architecture for ease of expansion.
• Pins are programmable as chip enables, output enables, or write enables.
• Supports multiple regions, with each region having programmable attributes.
• Up to seven programmable wait states for slave devices.
• Programmable address range, block size.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com