Electronic Components Datasheet Search
  English  ▼

X  

MPC505 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC505
Description  PowerPC™ MPC505 RISC Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC505 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC505 Datasheet HTML 4Page - NXP Semiconductors MPC505 Datasheet HTML 5Page - NXP Semiconductors MPC505 Datasheet HTML 6Page - NXP Semiconductors MPC505 Datasheet HTML 7Page - NXP Semiconductors MPC505 Datasheet HTML 8Page - NXP Semiconductors MPC505 Datasheet HTML 9Page - NXP Semiconductors MPC505 Datasheet HTML 10Page - NXP Semiconductors MPC505 Datasheet HTML 11Page - NXP Semiconductors MPC505 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MOTOROLA
MPC505
10
MPC505ADI/D
DEVELOPMENT SUPPORT
MPC505 development support features include internal breakpoint comparators, internal bus visi-
bility, program flow tracking, and a development port.
• Breakpoints Force Exception-Handling when User-Programmable Conditions Are Met
• Watchpoints Are Reported on External Pins when User-Programmable Conditions are Met
• Show-cycle Features Allow Internal Bus Activity to be Visible Externally
• Program Flow Tracking
— Exact program trace can be obtained with minimal decrease in performance.
— Instruction execution tracking output signals.
• Hardware and Software Debug Modes
— Hardware debug mode supports debugging with an in-circuit emulator. All development
support features are protected for use by an in-circuit emulator. Instructions are shifted in
and data is shifted in and out through the development port.
— Software debug mode supports debugging with a software monitor. All development sup-
port features are protected for use by an exception handler (i.e., a software monitor pro-
gram).
• Development Port
— Allows external development system full control over the CPU during debug without using
regular bus pins and without placing restrictions on user software.
— Uses a three-pin serial interface for both software and hardware debug modes.
— Allows external breakpoints in either hardware or software debug mode.
— Supports both asynchronous and synchronous serial transmissions.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com