Electronic Components Datasheet Search
  English  ▼

X  

MPC505 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC505
Description  PowerPC™ MPC505 RISC Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC505 Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC505 Datasheet HTML 1Page - NXP Semiconductors MPC505 Datasheet HTML 2Page - NXP Semiconductors MPC505 Datasheet HTML 3Page - NXP Semiconductors MPC505 Datasheet HTML 4Page - NXP Semiconductors MPC505 Datasheet HTML 5Page - NXP Semiconductors MPC505 Datasheet HTML 6Page - NXP Semiconductors MPC505 Datasheet HTML 7Page - NXP Semiconductors MPC505 Datasheet HTML 8Page - NXP Semiconductors MPC505 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC505
MOTOROLA
MPC505ADI/D
5
INSTRUCTION CACHE
The MPC505 instruction cache (I-cache) is a 4-Kbyte, 2-way set associative cache. The cache is
organized into 128 sets, with two lines per set and four words per line. Cache lines are aligned on
four-word boundaries in memory.
A cache access cycle begins with an instruction request from the CPU instruction unit. In case of a
cache hit, the instruction is delivered to the instruction unit. In case of a cache miss, the cache ini-
tiates a burst read cycle (four beats per burst, one word per beat) on the instruction bus (I-bus) with
the address of the requested instruction. The first word received from the bus is the requested in-
struction. The cache forwards this instruction to the instruction unit as soon as it is received from
the I-bus. A cache line is then selected to receive the data which will be coming from the bus. An
LRU (least recently used) replacement algorithm is used to select a line when no empty lines are
available.
Each cache line can be used as an SRAM, allowing the application to lock critical code segments
that need fast and deterministic execution time.
Major features of the I-cache include the following:
• 4 Kbytes, 2-way set associative, 4 words in a line
• LRU replacement policy
• Lockable SRAM (cache line granularity)
• Critical word first burst access
• Stream hit (allows fetch from the burst buffer and of the word currently on the I-bus)
• Efficiently utilizes the pipeline of the I-bus by initiating a new burst cycle (if miss is detected)
while bringing the tail of the previous missed line
• Cache control:
— Supports PowerPC invalidate instruction
— Supports load & lock (cache line granularity)
• Supports cache inhibit:
— as a cache mode of operation (cache disable)
— on memory regions (supported by the chip select logic)
• Miss latency is reduced by
— sending address to the cache and to the I-bus simultaneously; and
— aborting on cache hit before cycle goes external
• Minimum operational power consumption
• Read capability of tags (including all attributes) and data arrays for debugging purposes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com