Electronic Components Datasheet Search
  English  ▼

X  

MPC505 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC505
Description  PowerPC™ MPC505 RISC Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC505 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC505 Datasheet HTML 1Page - NXP Semiconductors MPC505 Datasheet HTML 2Page - NXP Semiconductors MPC505 Datasheet HTML 3Page - NXP Semiconductors MPC505 Datasheet HTML 4Page - NXP Semiconductors MPC505 Datasheet HTML 5Page - NXP Semiconductors MPC505 Datasheet HTML 6Page - NXP Semiconductors MPC505 Datasheet HTML 7Page - NXP Semiconductors MPC505 Datasheet HTML 8Page - NXP Semiconductors MPC505 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MOTOROLA
MPC505
4
MPC505ADI/D
CENTRAL PROCESSING UNIT
The RISC MCU processor (RCPU) integrates four execution units: an integer unit (IU), a load/store
unit (LSU), a branch processing unit (BPU), and a floating-point unit (FPU). The use of simple in-
structions with rapid execution times yields high efficiency and throughput for MPC505-based sys-
tems.
Most fixed-point instructions execute in one clock cycle. The FPU is designed to provide cost-effec-
tive solutions to most mathematical problems. It includes single- and double-precision multiply-add
instructions. Instructions can complete out of order for increased performance; however, the pro-
cessor makes execution appear sequential.
Major features of the RCPU are as follows:
• High-performance microprocessor
— Single clock-cycle execution for many instructions
• Four independent execution units and two register files
— Independent load/store unit for load and store operations
— Branch-processing unit featuring static branch prediction
— A 32-bit integer unit
— Fully IEEE 754-compliant floating-point unit for both single- and double-precision opera-
tions
— Thirty-two general-purpose registers (GPRs) for integer operands
— Thirty-two floating-point registers (FPRs) for single- or double-precision operands
• Facilities for enhanced system performance
— Programmable big- and little-endian byte ordering
— Atomic memory references
• In-system testability and debugging features through boundary-scan capability
• High instruction and data throughput
— Condition register (CR) look-ahead operations performed by BPU
— Branch-folding capability during execution (zero-cycle branch execution time)
— Programmable static branch prediction on unresolved conditional branches
— A prefetch queue that can hold up to four instructions, providing look-ahead capability
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com