Electronic Components Datasheet Search
  English  ▼

X  

MPC505 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC505
Description  PowerPC™ MPC505 RISC Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC505 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC505 Datasheet HTML 3Page - NXP Semiconductors MPC505 Datasheet HTML 4Page - NXP Semiconductors MPC505 Datasheet HTML 5Page - NXP Semiconductors MPC505 Datasheet HTML 6Page - NXP Semiconductors MPC505 Datasheet HTML 7Page - NXP Semiconductors MPC505 Datasheet HTML 8Page - NXP Semiconductors MPC505 Datasheet HTML 9Page - NXP Semiconductors MPC505 Datasheet HTML 10Page - NXP Semiconductors MPC505 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC505
MOTOROLA
MPC505ADI/D
7
System Protection
The system protection unit within the SIU consists of a reset status register, two interrupt timers,
and a bus monitor. System protection features include the following:
• The bus monitor monitors internal-to-external bus accesses. Four selectable response time
periods are available, ranging from 16 to 256 system clock cycles. An internal bus error signal
is generated if a bus time-out occurs.
• The reset status register distinguishes between all of the possible reset causes.
• A 32-bit decrementer (DEC) and a 16-bit periodic interrupt timer (PIT) generate interrupts. The
DEC time period can range from 250 ns to 1073.74 seconds with a 4-MHz source. The PIT
time period can range from 1 s to 65.5 ms with a 4-MHz source.
• A software watchdog prevents system lock-up in case the software becomes trapped in loops
with no controlled exit. The software watchdog has a selectable time-out range based on the
system clock frequency (167 ns to 2.79 s with a 24-MHz system clock). A reset can be gen-
erated if a software watchdog time-out occurs.
Reset
Reset procedures handle system initialization and recovery from catastrophic failure. The MPC505
performs reset with a combination of hardware and software. The SIU determines whether a reset
is valid, asserts control signals, performs basic system configuration based on hardware mode-se-
lect inputs, and then passes control to the CPU, which performs software initialization.
The following sources can cause reset in the MPC505:
• External reset pin (RESET)
• Loss of Clock
• Loss of PLL lock
• Software watchdog reset
• Checkstop reset
• JTAG reset
General-Purpose I/O
External bus interface pins can be used for more than one function. When not used for bus interface
signals, these pins can be used as digital I/O pins.
SIU digital I/O pins are grouped into 8-bit ports. The following registers are associated with each
I/O port. (Output-only ports do not have a data direction register.)
• Pin assignment register — allows the user to configure a pin for its primary function or digital
I/O.
• Data direction register — configures individual pins as input or output pins.
• Data register — allows writes to output pins and reads of input pins
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com