Electronic Components Datasheet Search
  English  ▼

X  

NVT2002GD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # NVT2002GD
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002GD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button NVT2002GD Datasheet HTML 17Page - NXP Semiconductors NVT2002GD Datasheet HTML 18Page - NXP Semiconductors NVT2002GD Datasheet HTML 19Page - NXP Semiconductors NVT2002GD Datasheet HTML 20Page - NXP Semiconductors NVT2002GD Datasheet HTML 21Page - NXP Semiconductors NVT2002GD Datasheet HTML 22Page - NXP Semiconductors NVT2002GD Datasheet HTML 23Page - NXP Semiconductors NVT2002GD Datasheet HTML 24Page - NXP Semiconductors NVT2002GD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
• Reflow temperature profile; this profile includes preheat, reflow (in which the board is heated to the peak
temperature) and cooling down. It is imperative that the peak temperature is high enough for the solder to
make reliable solder joints (a solder paste characteristic). In addition, the peak temperature must be low
enough that the packages and/or boards are not damaged. The peak temperature of the package depends on
package thickness and volume and is classified in accordance with Table 13 and Table 14
Package reflow temperature (°C)
Volume (mm³)
Package thickness (mm)
< 350
≥ 350
< 2.5
235
220
≥ 2.5
220
220
Table 13. SnPb eutectic process (from J-STD-020D)
Package reflow temperature (°C)
Volume (mm³)
Package thickness (mm)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245
Table 14. Lead-free process (from J-STD-020D)
Moisture sensitivity precautions, as indicated on the packing, must be respected at all times.
Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 20.
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
MSL: Moisture Sensitivity Level
Figure 20. Temperature profiles for large and small components
For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow
soldering description”.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
21 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com