Electronic Components Datasheet Search
  English  ▼

X  

NVT2002GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NVT2002GD
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NVT2002GD Datasheet HTML 2Page - NXP Semiconductors NVT2002GD Datasheet HTML 3Page - NXP Semiconductors NVT2002GD Datasheet HTML 4Page - NXP Semiconductors NVT2002GD Datasheet HTML 5Page - NXP Semiconductors NVT2002GD Datasheet HTML 6Page - NXP Semiconductors NVT2002GD Datasheet HTML 7Page - NXP Semiconductors NVT2002GD Datasheet HTML 8Page - NXP Semiconductors NVT2002GD Datasheet HTML 9Page - NXP Semiconductors NVT2002GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
002aae135
A1
A2
VREFA
GND
3
4
VREFB
1
6
5
B1
B2
8 EN
SW
SW
NVT20xx
7
RPU
RPU
Vpu(D) = 3.3 V
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(A) = 1.8 V(1)
RPU
RPU
I2C-BUS
CONTROLLER
SCL
SDA
VCC
GND
on
off
3.3 V enable signal(1)
(2)
1. In the Enabled mode, the applied enable voltage VI(EN) and the applied voltage at Vref(A) should be such that Vref(B) is
at least 1 V higher than Vref(A) for best translator operation.
2. Note that the enable time and the disable time are essentially controlled by the RC time constant of the capacitor and
the 200 kΩ resistor on the EN pin.
Figure 7. Typical application circuit (switch enable control)
EN
VREFB
002aae133
B1
B2
CHIPSET I/O
VCC
5 V
totem pole or
open-drain I/O
GND
VREFA
A1
A2
B3
VCC
Bn
3.3 V
A3
An
CPU I/O
VCORE
1.8 V
1.5 V
1.2 V
1.0 V
SW
NVT20xx
SW
SW
CHIPSET I/O
SW
B4
A4
B5
A5 SW
SW
B6
A6
SW
Figure 8. Bidirectional translation to multiple higher voltage levels
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
6 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com