Electronic Components Datasheet Search
  English  ▼

X  

NVT2002GD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NVT2002GD
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002GD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NVT2002GD Datasheet HTML 6Page - NXP Semiconductors NVT2002GD Datasheet HTML 7Page - NXP Semiconductors NVT2002GD Datasheet HTML 8Page - NXP Semiconductors NVT2002GD Datasheet HTML 9Page - NXP Semiconductors NVT2002GD Datasheet HTML 10Page - NXP Semiconductors NVT2002GD Datasheet HTML 11Page - NXP Semiconductors NVT2002GD Datasheet HTML 12Page - NXP Semiconductors NVT2002GD Datasheet HTML 13Page - NXP Semiconductors NVT2002GD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
7.5 GD package vs TL package
Due to differences in package construction the TL package has a center pad vs no center pad for the GD
package. The following section provides guidance in replacement vs new applications.
• No trace under GD package
1. Replacement of GD package: The pad is not electrically connected to the silicon (no wire bond and epoxy
is not conductive) and can be left floating. It is not required to be connected to the PCB. Simply place the
TL package on the same PCB traces as the existing GD package.
2. New use of the TL package: Place PCB trace for soldering of the center pad based on PCB layout
recommendations for better mechanical connection and thermal conductivity. The PCB center pad can be
connect to GND or left floating.
• Trace under the GD package
1. Replacement of GD package: It is not best practice to have center pad over the trace but since the TL
package center pad is not connected to the silicon the risk is low. If there are multiple traces there could
be EMI and cross talk. In both cases the customer needs to evaluate risk.
2. New use of the TL package: Do not route traces under the package
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Over operating free-air temperature range.
Symbol
Parameter
Conditions
Min
Max
Unit
Vref(A)
reference voltage (A)
-0.5
+6
V
Vref(B)
reference voltage (B)
-0.5
+6
V
VI
input voltage
-0.5[1]
+6
V
VI/O
voltage on an input/output pin
-0.5[1]
+6
V
Ich
channel current (DC)
-
128
mA
IIK
input clamping current
VI < 0 V
-50
-
mA
IOK
output clamping current
[2] -50
+50
mA
Tstg
storage temperature
-65
+150
°C
Table 9. Limiting values
[1]
The input and input/output negative voltage ratings may be exceeded if the input and input/output clamp current ratings are observed.
[2]
Low duty cycle pulses, not DC because of heating.
9 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VI/O
voltage on an input/output pin
An, Bn
0
5.5
V
Vref(A)
reference voltage (A)
VREFA
[1] 0
5.4
V
Vref(B)
reference voltage (B)
VREFB
[1] 0
5.5
V
VI(EN)
input voltage on pin EN
0
5.5
V
Isw(pass)
pass switch current
-
64
mA
Tamb
ambient temperature
operating in free-air
-40
+105
°C
Table 10. Operating conditions
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
10 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com