Electronic Components Datasheet Search
  English  ▼

X  

NVT2002GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NVT2002GD
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002GD Datasheet(HTML) 1 Page - NXP Semiconductors

  NVT2002GD Datasheet HTML 1Page - NXP Semiconductors NVT2002GD Datasheet HTML 2Page - NXP Semiconductors NVT2002GD Datasheet HTML 3Page - NXP Semiconductors NVT2002GD Datasheet HTML 4Page - NXP Semiconductors NVT2002GD Datasheet HTML 5Page - NXP Semiconductors NVT2002GD Datasheet HTML 6Page - NXP Semiconductors NVT2002GD Datasheet HTML 7Page - NXP Semiconductors NVT2002GD Datasheet HTML 8Page - NXP Semiconductors NVT2002GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull
applications
Rev. 4.4 — 22 May 2023
Product data sheet
1 General description
The NVT2001/02 are bidirectional voltage level translators operational from 1.0 V to 3.6 V (Vref(A)) and 1.8 V
to 5.5 V (Vref(B)), which allow bidirectional voltage translations between 1.0 V and 5 V without the need for a
direction pin in open-drain or push-pull applications. Bit widths ranging from 1-bit or 2-bit are offered for level
translation application with transmission speeds < 33 MHz for an open-drain system with a 50 pF capacitance
and a pull-up of 197 Ω.
When the An or Bn port is LOW, the clamp is in the ON-state and a low resistance connection exists between
the An and Bn ports. The low ON-state resistance (Ron) of the switch allows connections to be made with
minimal propagation delay. Assuming the higher voltage is on the Bn port when the Bn port is HIGH, the voltage
on the An port is limited to the voltage set by VREFA. When the An port is HIGH, the Bn port is pulled to the
drain pull-up supply voltage (Vpu(D)) by the pull-up resistors. This functionality allows a seamless translation
between higher and lower voltages selected by the user without the need for directional control.
When EN is HIGH, the translator switch is on, and the An I/O are connected to the Bn I/O, respectively, allowing
bidirectional data flow between ports. When EN is LOW, the translator switch is off, and a high-impedance state
exists between ports. The EN input circuit is designed to be supplied by Vref(B). To ensure the high-impedance
state during power-up or power-down, EN must be LOW.
All channels have the same electrical characteristics and there is minimal deviation from one output to another
in voltage or propagation delay. This is a benefit over discrete transistor voltage translation solutions, since
the fabrication of the switch is symmetrical. The translator provides excellent ESD protection to lower voltage
devices, and at the same time protects less ESD-resistant devices.
2 Features and benefits
• Provides bidirectional voltage translation with no direction pin
• Less than 1.5 ns maximum propagation delay
• Allows voltage level translation between:
– 1.0 V Vref(A) and 1.8 V, 2.5 V, 3.3 V or 5 V Vref(B)
– 1.2 V Vref(A) and 1.8 V, 2.5 V, 3.3 V or 5 V Vref(B)
– 1.8 V Vref(A) and 3.3 V or 5 V Vref(B)
– 2.5 V Vref(A) and 5 V Vref(B)
– 3.3 V Vref(A) and 5 V Vref(B)
• Low 3.5 Ω ON-state connection between input and output ports provides less signal distortion
• 5 V tolerant I/O ports to support mixed-mode signal operation
• High-impedance An and Bn pins for EN = LOW
• Lock-up free operation
• Flow through pinout for ease of printed-circuit board trace routing
• ESD protection exceeds 4 kV HBM per JESD22-A114 and 1000 V CDM per JESD22-C101


Similar Part No. - NVT2002GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2002 PHILIPS-NVT2002 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
NVT2002 NXP-NVT2002 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - NVT2002GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com