Electronic Components Datasheet Search
  English  ▼

X  

NVT2002GD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NVT2002GD
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002GD Datasheet(HTML) 5 Page - NXP Semiconductors

  NVT2002GD Datasheet HTML 1Page - NXP Semiconductors NVT2002GD Datasheet HTML 2Page - NXP Semiconductors NVT2002GD Datasheet HTML 3Page - NXP Semiconductors NVT2002GD Datasheet HTML 4Page - NXP Semiconductors NVT2002GD Datasheet HTML 5Page - NXP Semiconductors NVT2002GD Datasheet HTML 6Page - NXP Semiconductors NVT2002GD Datasheet HTML 7Page - NXP Semiconductors NVT2002GD Datasheet HTML 8Page - NXP Semiconductors NVT2002GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
7 Application design-in information
The NVT2001/02 can be used in level translation applications for interfacing devices or systems operating at
different interface voltages with one another. The NVT2001/02 is ideal for use in applications where an open-
drain driver is connected to the data I/Os. The NVT2001/02 can also be used in applications where a push-pull
driver is connected to the data I/Os.
7.1 Enable and disable
The NVT20xx has an EN input that is used to disable the device by setting EN LOW, which places all I/Os in the
high-impedance state.
002aae134
A1
A2
VREFA
GND
3
4
VREFB
1
6
5
B1
B2
8 EN
SW
SW
NVT20xx
7
RPU
RPU
Vpu(D) = 3.3 V(1)
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(A) = 1.8 V(1)
RPU
RPU
I2C-BUS
CONTROLLER
SCL
SDA
VCC
GND
1. The applied voltages at Vref(A) and Vpu(D) should be such that Vref(B) is at least 1 V higher than Vref(A) for best translator
operation.
Figure 6. Typical application circuit (switch always enabled)
Refer to Figure 6.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Vref(B)
reference voltage (B)
Vref(A) + 0.6
2.1
5
V
VI(EN)
input voltage on pin EN
Vref(A) + 0.6
2.1
5
V
Vref(A)
reference voltage (A)
0
1.5
4.4
V
Isw(pass)
pass switch current
-
14
-
mA
Iref
reference current
transistor
-
5
-
μA
Tamb
ambient temperature
operating in
free-air
-40
-
+105
°C
Table 5. Application operating conditions
[1]
All typical values are at Tamb = 25 °C.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
5 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com