Electronic Components Datasheet Search
  English  ▼

X  

NVT2002GD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NVT2002GD
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2002GD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NVT2002GD Datasheet HTML 7Page - NXP Semiconductors NVT2002GD Datasheet HTML 8Page - NXP Semiconductors NVT2002GD Datasheet HTML 9Page - NXP Semiconductors NVT2002GD Datasheet HTML 10Page - NXP Semiconductors NVT2002GD Datasheet HTML 11Page - NXP Semiconductors NVT2002GD Datasheet HTML 12Page - NXP Semiconductors NVT2002GD Datasheet HTML 13Page - NXP Semiconductors NVT2002GD Datasheet HTML 14Page - NXP Semiconductors NVT2002GD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
NXP Semiconductors
NVT2001; NVT2002
Bidirectional voltage level translator for open-drain and push-pull applications
[1]
Vref(A) ≤ Vref(B) - 1 V for best results in level shifting applications.
10 Static characteristics
Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage
II = -18 mA; VI(EN) = 0 V
-
-
-1.2
V
IIH
HIGH-level input current
VI = 5 V; VI(EN) = 0 V
-
-
5
μA
Ci(EN)
input capacitance on pin EN
VI = 3 V or 0 V
-
7.1
-
pF
Cio(off)
off-state input/output capacitance
An, Bn; VO = 3 V or 0 V;
VI(EN) = 0 V
-
4
6
pF
Cio(on)
on-state input/output capacitance
An, Bn; VO = 3 V or 0 V;
VI(EN) = 3 V
-
9.3
12.5[2]
pF
An, Bn; VI = 0 V; IO = 64 mA;
VI(EN) = 4.5 V
[3][4][5] 1
2.4
5.0
Ω
Ron
ON-state resistance
VI = 2.4 V; IO = 15 mA; VI(EN)
= 4.5 V
[3][4] -
4.8
7.5
Ω
Table 11. Static characteristics
[1]
All typical values are at Tamb = 25 °C.
[2]
Not production tested, maximum value based on characterization data of typical parts.
[3]
Measured by the voltage drop between the An and Bn terminals at the indicated current through the switch. ON-state resistance is determined by the
lowest voltage of the two terminals.
[4]
See curves in Figure 10 for typical temperature and VI(EN) behavior.
[5]
Guaranteed by design.
NVT2001_NVT2002
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.4 — 22 May 2023
11 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com