Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 49 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADT7467 Datasheet HTML 45Page - Analog Devices ADT7467 Datasheet HTML 46Page - Analog Devices ADT7467 Datasheet HTML 47Page - Analog Devices ADT7467 Datasheet HTML 48Page - Analog Devices ADT7467 Datasheet HTML 49Page - Analog Devices ADT7467 Datasheet HTML 50Page - Analog Devices ADT7467 Datasheet HTML 51Page - Analog Devices ADT7467 Datasheet HTML 52Page - Analog Devices ADT7467 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
ADT7467
Rev. 0| Page 49 of 80
Dynamic TMIN Control Overview
Dynamic TMIN control mode builds upon the basic automatic
fan control loop by adjusting the TMIN value based on system
performance and measured temperature. This is important,
because, instead of designing for the worst case, the system
thermals can be defined as operating zones. ADT7467 can self-
adjust its fan control loop to maintain either an operating zone
temperature or a system target temperature. For example, one
can specify that the ambient temperature in a system should be
maintained at 50°C. If the temperature is below 50°C, the fans
might not need to run or might run very slowly. If the
temperature is higher than 50°C, the fans need to throttle up.
The challenge presented by any thermal design is finding the
right settings to suit the system’s fan control solution. This can
involve designing for the worst case, followed by weeks of
system thermal characterization, and finally fan acoustic
optimization (for psycho-acoustic reasons). Getting the most
benefit from the automatic fan control mode involves character-
izing the system to find the best TMIN and TRANGE settings for the
control loop, and the best PWMMIN value for the quietest fan
speed setting. Using the ADT7467’s dynamic TMIN control mode,
however, shortens the characterization time and alleviates
tweaking the control loop settings, because the device can self-
adjust during system operation.
Dynamic TMIN control mode is operated by specifying the
operating zone temperatures required for the system. Associated
with this control mode are three operating point registers, one
for each temperature channel. This allows the system thermal
solution to be broken down into distinct thermal zones. For
example, CPU operating temperature is 70°C, VRM operating
temperature is 80°C, and ambient operating temperature is
50°C. The ADT7467 dynamically alters the control solution to
maintain each zone temperature as closely as possible to its
target operating point.
Operating Point Registers
Reg. 0x33, Remote 1 Operating Point = 0xA4 (100°C default)
Reg. 0x34, Local Operating Point = 0xA4 (100°C default)
Reg. 0x35, Remote 2 Operating Point = 0xA4 (100°C default)
Figure 69 shows an overview of the parameters that affect the
operation of the dynamic TMIN control loop.
TLOW
TMIN OPERATING
POINT
THIGH
TRANGE
TEMPERATURE
TTHERM
Figure 69. Dynamic TMIN Control Loop
Table 14 provides a brief description of each parameter.
Table 14. TMIN Control Loop Parameters
Parameter
Description
TLOW
If the temperature drops below the TLOW limit, an
error flag is set in a status register and an
SMBALERT interrupt can be generated.
THIGH
If the temperature exceeds the THIGH limit, an
error flag is set in a status register and an
SMBALERT interrupt can be generated.
TMIN
The temperature at which the fan turns on
under automatic fan speed control.
Operating
point
The target temperature for a particular
temperature zone. The ADT7467 attempts to
maintain system temperature at about the
operating point by adjusting the TMIN parameter
of the control loop.
TTHERM
If the temperature exceeds this critical limit, the
fans can be run at 100% for maximum cooling.
TRANGE
Programs the PWM duty cycle vs. temperature
control slope.
Dynamic TMIN Control Programming
Because the dynamic TMIN control mode is a basic extension of
the automatic fan control mode, program the automatic fan
control mode parameters first, as described in Step 1 to Step 8,
then proceed with dynamic TMIN control mode programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com