Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 30 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADT7467 Datasheet HTML 26Page - Analog Devices ADT7467 Datasheet HTML 27Page - Analog Devices ADT7467 Datasheet HTML 28Page - Analog Devices ADT7467 Datasheet HTML 29Page - Analog Devices ADT7467 Datasheet HTML 30Page - Analog Devices ADT7467 Datasheet HTML 31Page - Analog Devices ADT7467 Datasheet HTML 32Page - Analog Devices ADT7467 Datasheet HTML 33Page - Analog Devices ADT7467 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
ADT7467
Rev. 0 | Page 30 of 80
Fan TACH Limit Registers
The fan TACH limit registers are 16-bit values consisting of two
bytes.
Reg. 0x54 TACH1 Minimum Low Byte = 0xFF default
Reg. 0x55 TACH1 Minimum High Byte = 0xFF default
Reg. 0x56 TACH2 Minimum Low Byte = 0xFF default
Reg. 0x57 TACH2 Minimum High Byte = 0xFF default
Reg. 0x58 TACH3 Minimum Low Byte = 0xFF default
Reg. 0x59 TACH3 Minimum High Byte = 0xFF default
Reg. 0x5A TACH4 Minimum Low Byte = 0xFF default
Reg. 0x5B TACH4 Minimum High Byte = 0xFF default
Fan Speed Measurement Rate
The fan TACH readings are normally updated once every
second.
The FAST bit (Bit 3) of Configuration Register 3 (Reg. 0x78),
when set, updates the fan TACH readings every 250 ms.
If any of the fans are not being driven by a PWM channel but
are powered directly from 5 V or 12 V, their associated dc bit in
Configuration Register 3 should be set. This allows TACH
readings to be taken on a continuous basis for fans connected
directly to a dc source. For optimal results, the associated dc bit
should always be set when using 4-wire fans.
Calculating Fan Speed
Assuming a fan with a two pulses per revolution (and two
pulses per revolution being measured) fan speed is calculated
by
Fan Speed (RPM) = (90,000 × 60)/Fan TACH Reading
where Fan TACH Reading is the 16-bit fan tachometer reading.
Example:
TACH1 High Byte (Reg. 0x29) = 0x17
TACH1 Low Byte (Reg. 0x28) = 0xFF
What is Fan 1 speed in RPM?
Fan 1 TACH Reading = 0x17FF = 6143 (decimal)
RPM = (f × 60)/Fan 1 TACH Reading
RPM = (90000 × 60)/6143
Fan Speed = 879 RPM
Fan Pulses per Revolution
Different fan models can output either 1, 2, 3, or 4 TACH pulses
per revolution. Once the number of fan TACH pulses has been
determined, it can be programmed into the fan pulses per
revolution register (Reg. 0x7B) for each fan. Alternatively, this
register can be used to determine the number or pulses per
revolution output by a given fan. By plotting fan speed measure-
ments at 100% speed with different pulses per revolution
setting, the smoothest graph with the lowest ripple determines
the correct pulses per revolution value.
Fan Pulses per Revolution Register
<1:0>
Fan 1 default = 2 pulses per revolution.
<3:2>
Fan 2 default = 2 pulses per revolution.
<5:4>
Fan 3 default = 2 pulses per revolution.
<7:6>
Fan 4 default = 2 pulses per revolution.
00 = 1 pulse per revolution.
01 = 2 pulses per revolution.
10 = 3 pulses per revolution.
11 = 4 pulses per revolution.
2-Wire Fan Speed Measurements (Low Frequency Mode
Only)
The ADT7467 is capable of measuring the speed of 2-wire fans,
that is, fans without TACH outputs. To do this, the fan must be
interfaced as shown in the Driving 2-Wire Fans section. In this
case, the TACH inputs should be reprogrammed as analog
inputs, AIN.
Configuration Register 2 (Reg. 0x73)
Bit 3 (AIN4) = 1,
Pin 9 is reconfigured to measure the speed of
a 2-wire fan using an external sensing resistor and coupling
capacitor.
Bit 2 (AIN3) = 1,
Pin 4 is reconfigured to measure the speed of
a 2-wire fan using an external sensing resistor and coupling
capacitor.
Bit 1 (AIN2) = 1,
Pin 7 is reconfigured to measure the speed of
a 2-wire fan using an external sensing resistor and coupling
capacitor.
Bit 0 (AIN1) = 1,
Pin 6 is reconfigured to measure the speed of
a 2-wire fan using an external sensing resistor and coupling
capacitor.
AIN Switching Threshold
Having configured the TACH inputs as AIN inputs for 2-wire
measurements, a user can select the sensing threshold for the
AIN signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com