Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 27 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADT7467 Datasheet HTML 23Page - Analog Devices ADT7467 Datasheet HTML 24Page - Analog Devices ADT7467 Datasheet HTML 25Page - Analog Devices ADT7467 Datasheet HTML 26Page - Analog Devices ADT7467 Datasheet HTML 27Page - Analog Devices ADT7467 Datasheet HTML 28Page - Analog Devices ADT7467 Datasheet HTML 29Page - Analog Devices ADT7467 Datasheet HTML 30Page - Analog Devices ADT7467 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
ADT7467
Rev. 0| Page 27 of 80
ADT7467
PWM3
3.3V
3.3V
12V
Q1
MMBT3904
Q2
MMBT2222
Q3
MMBT2222
10
Ω
10
Ω
2.2k
Ω
1k
Ω
TACH3
TACH4
Figure 37. Interfacing Two Fans in Parallel to the PWM3 Output Using Low Cost NPN Transistors
ADT7467
PWM3
TACH3
TACH4
3.3V
3.3V
3.3V
+V
+V
TACH
TACH
Q1
NDT3055L
1N4148
5V OR
12V FAN
5V OR
12V FAN
10k
Ω
TYPICAL
10k
Ω
TYPICAL
10k
Ω
TYPICAL
Figure 38. Interfacing Two Fans in Parallel to the PWM3 Output Using a Single N-Channel MOSFET
Because the MOSFET can handle up to 3.5 A, it is simply a
matter of connecting another fan directly in parallel with the
first. Care should be taken in designing drive circuits with
transistors and FETs to ensure that the PWM pins are not
required to source current and that they sink less than the
5 mA maximum current specified on the data sheet.
Driving up to Three Fans from PWM3
TACH measurements for fans are synchronized to particular
PWM channels, for example, TACH1 is synchronized to PWM1.
TACH3 and TACH4 are both synchronized to PWM3, so
PWM3 can drive two fans. Alternatively, PWM3 can be pro-
grammed to synchronize TACH2, TACH3, and TACH4 to the
PWM3 output. This allows PWM3 to drive two or three fans. In
this case, the drive circuitry looks the same, as shown in
Figure 37 and Figure 38. The SYNC bit in Register 0x62 enables
this function.
Synchronization is not required in high frequency mode when
used with 4-wire fans.
<4> (SYNC) Enhance Acoustics Register 1 (Reg. 0x62)
SYNC = 1
, synchronizes TACH2, TACH3, and TACH4 to
PWM3.
Driving 2-Wire Fans
The ADT7467 can support 2-wire fans only when low fre-
quency PWM mode is selected in Configuration Register 5, Bit
2. If this bit is not set to 1, the ADT7467 cannot measure the
speed of 2-wire fans.
Figure 39 shows how a 2-wire fan can be connected to the
ADT7467. This circuit allows the speed of a 2-wire fan to be
measured, even though the fan has no dedicated TACH signal.
A series resistor, RSENSE, in the fan circuit converts the fan
commutation pulses into a voltage, which is ac-coupled into the
ADT7467 through the 0.01 µF capacitor. On-chip signal
conditioning allows accurate monitoring of fan speed. The
value of RSENSE chosen depends upon the programmed input
threshold and the current drawn by the fan. For fans drawing
approximately 200 mA, a 2 Ω RSENSE value is suitable when the
threshold is programmed as 40 mV.
For fans that draw more current, such as larger desktop or
server fans, RSENSE can be reduced for the same programmed
threshold. The smaller the threshold programmed the better,
because more voltage is developed across the fan and the fan
spins faster. Figure 40 shows a typical plot of the sensing
waveform at the TACH/AIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com