Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 67 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADT7467 Datasheet HTML 63Page - Analog Devices ADT7467 Datasheet HTML 64Page - Analog Devices ADT7467 Datasheet HTML 65Page - Analog Devices ADT7467 Datasheet HTML 66Page - Analog Devices ADT7467 Datasheet HTML 67Page - Analog Devices ADT7467 Datasheet HTML 68Page - Analog Devices ADT7467 Datasheet HTML 69Page - Analog Devices ADT7467 Datasheet HTML 70Page - Analog Devices ADT7467 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
ADT7467
Rev. 0| Page 67 of 80
Table 31. Register 0x55—TACH 1 Minimum High Byte (Power-On Default = 0xFF)
Bit
Name
R/W
Description
<4:0>
Reserved
Read-only
These bits are reserved when Bit 6 of Config 2 Register (0x73) is set (single-channel ADC
mode). Otherwise, these bits represent Bits <4:0> of the TACH1 minimum high byte.
<7:5>
SCADC
Read/write
When Bit 6 of Config 2 Register (0x73) is set (single-channel ADC mode), these bits are
used to select the only channel from which the ADC makes measurements. Otherwise,
these bits represent Bits <7:5> of the TACH1 minimum high byte.
Table 32. PWM Configuration Registers
Register Address
R/W1
Description
Power-On Default
0x5C
Read/write
PWM1 configuration.
0x82
0x5D
Read/write
PWM2 configuration.
0x82
0x5E
Read/write
PWM3 configuration.
0x82
Bit
Name
R/W
Description
<2:0>
SPIN
Read/write
These bits control the startup timeout for PWMx. The PWM output stays high until two
valid TACH rising edges are seen from the fan. If there is not a valid TACH signal during
the fan TACH measurement directly after the fan startup timeout period, then the TACH
measurement reads 0xFFFF and Status Register 2 reflects the fan fault. If the TACH
minimum high and low bytes contain 0xFFFF or 0x0000, then the status register 2 bit is
not set, even if the fan has not started.
000 = No startup timeout
001 = 100 ms
010 = 250 ms (default)
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
<3>
SLOW
Read/write
SLOW = 1 makes the ramp rates for acoustic enhancement four times longer.
<4>
INV
Read/write
This bit inverts the PWM output. The default is 0, which corresponds to a logic high
output for 100% duty cycle. Setting this bit to 1 inverts the PWM output, so 100% duty
cycle corresponds to a logic low output.
<7:5>
BHVR
Read/write
These bits assign each fan to a particular temperature sensor for localized cooling.
000 = Remote 1 temperature controls PWMx (automatic fan control mode).
001 = local temperature controls PWMx (automatic fan control mode).
010 = Remote 2 temperature controls PWMx (automatic fan control mode).
011 = PWMx runs full speed.
100 = PWMx disabled (default).
101 = fastest speed calculated by local and Remote 2 temperature controls PWMx.
110 = fastest speed calculated by all three temperature channel controls PWMx.
111 = manual mode. PWM duty cycle registers (Reg. 0x30 to Reg. 0x32) become writable.
1 These registers become read-only when the Configuration Register 1 lock bit is set to 1. Any subsequent attempts to write to these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com