Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 71 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADT7467 Datasheet HTML 67Page - Analog Devices ADT7467 Datasheet HTML 68Page - Analog Devices ADT7467 Datasheet HTML 69Page - Analog Devices ADT7467 Datasheet HTML 70Page - Analog Devices ADT7467 Datasheet HTML 71Page - Analog Devices ADT7467 Datasheet HTML 72Page - Analog Devices ADT7467 Datasheet HTML 73Page - Analog Devices ADT7467 Datasheet HTML 74Page - Analog Devices ADT7467 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
ADT7467
Rev. 0| Page 71 of 80
Table 38. THERM Limit Registers1
Register Address
R/W2
Description
Power-On Default
0x6A
Read/write
Remote 1 THERM limit.
0x64 (100°C)
0x6B
Read/write
Local THERM limit.
0x64 (100°C)
0x6C
Read/write
Remote 2 THERM limit.
0x64 (100°C)
1 If any temperature measured exceeds its THERM limit, all PWM outputs drive their fans at 100% duty cycle. This is a fail-safe mechanism incorporated to cool the
system in the event of a critical overtemperature. It also ensures some level of cooling in the event that software or hardware locks up. If set to 0x80, this feature is
disabled. The PWM output remains at 100% until the temperature drops below THERM Limit – Hysteresis. If the THERM pin is programmed as an output, then
exceeding these limits by 0.25°C can cause the THERM pin to assert low as an output.
2 These registers become read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to these registers have no effect.
Table 39. Temperature/TMIN Hysteresis Registers1
Register Address
R/W2
Description
Power-On Default
0x6D
Read/write
Remote 1 and local temperature hysteresis.
0x44
<3:0>
HYSL
Local temperature hyseresis. 0°C to 15°C of
hysteresis can be applied to the local temperature
AFC and dynamic TMIN control loops.
<7:4>
HYSR1
Remote 1 temperature hyseresis. 0°C to 15°C of
hysteresis can be applied to the Remote 1
temperature AFC and dynamic TMIN control loops.
0x6E
Read/write
Remote 2 temperature hysteresis.
0x40
<7:4>
HYSR2
Local temperature hyseresis. 0°C to 15°C of
hysteresis can be applied to the local temperature
AFC and dynamic TMIN control loops.
1 Each 4-bit value controls the amount of temperature hysteresis applied to a particular temperature channel. Once the temperature for that channel falls below its TMIN
value, the fan remains running at PWMMIN duty cycle until the temperature = TMIN – hysteresis. Up to 15°C of hysteresis can be assigned to any temperature channel.
The hysteresis value chosen also applies to that temperature channel, if its THERM limit is exceeded. The PWM output being controlled goes to 100%, if the THERM
limit is exceeded and remains at 100% until the temperature drops below THERM – hysteresis. For acoustic reasons, it is recommended that the hysteresis value not be
programmed less than 4°C. Setting the hysteresis value lower than 4°C causes the fan to switch on and off regularly when the temperature is close to TMIN.
2 These registers become read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to these registers have no effect.
Table 40. XNOR Tree Test Enable
Register Address
R/W1
Description
Power-On Default
0x6F
Read/write
XNOR tree test enable register.
0x00
<0>
XEN
If the XEN bit is set to 1, the device enters the XNOR
tree test mode. Clearing the bit removes the device
from the XNOR tree test mode.
<7:1>
Reserved
Unused. Do not write to these bits.
1 This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 41. Remote 1 Temperature Offset
Register Address
R/W1
Description
Power-On Default
0x70
Read/write
Remote 1 temperature offset.
0x00
<7:0>
Read/write
Allows a twos complement offset value to be
automatically added to or subtracted from the
Remote 1 temperature reading. This is to
compensate for any inherent system offsets such as
PCB trace resistance. LSB value = 0.5°C.
1 This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com