Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 3 Page - Analog Devices

  ADT7467 Datasheet HTML 1Page - Analog Devices ADT7467 Datasheet HTML 2Page - Analog Devices ADT7467 Datasheet HTML 3Page - Analog Devices ADT7467 Datasheet HTML 4Page - Analog Devices ADT7467 Datasheet HTML 5Page - Analog Devices ADT7467 Datasheet HTML 6Page - Analog Devices ADT7467 Datasheet HTML 7Page - Analog Devices ADT7467 Datasheet HTML 8Page - Analog Devices ADT7467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
ADT7467
Rev. 0| Page 3 of 80
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
All voltages are measured with respect to GND, unless otherwise specified. Typicals are at TA = 25°C and represent most likely parametric
norm. Logic inputs accept input high voltages up to VMAX even when device is operating down to VMIN. Timing specifications are tested at
logic levels of VIL = 0.8 V for a falling edge and VIH = 2.0 V for a rising edge. SMBus timing specifications are guaranteed by design and are
not production tested.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage
3.0
3.3
5.5
V
Supply Current, ICC
3
mA
Interface inactive, ADC active
20
µA
Standby mode
TEMP-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±1.5
°C
0°C ≤ TA ≤ 70°C
−3.5
+2
°C
−40°C ≤ TA ≤ +100°C
−4
+2
°C
−40°C ≤ TA ≤ +120°C
Resolution
0.25
°C
Remote Diode Sensor Accuracy
±0.5
±1.5
°C
0°C ≤ TA ≤ 70°C; 0°C ≤ TD ≤ 120°C
−3.5
+2
°C
0°C ≤ TA ≤ 105°C; 0°C ≤ TD ≤ 120°C
−4.5
+2
°C
−40°C ≤ TA ≤ +120°C; 0°C ≤ TD ≤ +120°C
Resolution
0.25
°C
Remote Sensor Source Current
6
µA
First current
36
µΑ
Second current
96
µΑ
Third current
ANALOG-TO-DIGITAL CONVERTER (INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error (TUE)
±1.5
%
Differential Nonlinearity (DNL)
±1
LSB
8 bits
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Voltage Input)
11
ms
Averaging enabled
Conversion Time (Local Temperature)
12
ms
Averaging enabled
Conversion Time (Remote Temperature)
38
ms
Averaging enabled
Total Monitoring Cycle Time
145
ms
Averaging enabled
Total Monitoring Cycle Time
19
ms
Averaging disabled
Input Resistance
40
80
100
kΩ
For VCC channel
80
140
200
kΩ
For all other channels
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±5
%
0°C ≤ TA ≤ 70°C, 3.3 V
±7
%
−40°C ≤ TA ≤ +120°C, 3.3 V
±10
%
−40°C ≤ TA ≤ +120°C, 5.5 V
Full-Scale Count
65,535
Nominal Input RPM
109
RPM
Fan count = 0xBFFF
329
RPM
Fan count = 0x3FFF
5000
RPM
Fan count = 0x0438
10000
RPM
Fan count = 0x021C
Internal Clock Frequency
85.5
90
94.5
kHz
0°C ≤ TA ≤ 70°C, Vcc = 3.3V
83.7
90
96.3
kHz
−40°C ≤ TA ≤ +120°C, VCC = 3.3 V
81
90
99
kHz
−40°C ≤ TA ≤ +120°C, VCC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com