Electronic Components Datasheet Search
  English  ▼

X  

ADT7467 Datasheet(PDF) 72 Page - Analog Devices

Part # ADT7467
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADT7467 Datasheet HTML 68Page - Analog Devices ADT7467 Datasheet HTML 69Page - Analog Devices ADT7467 Datasheet HTML 70Page - Analog Devices ADT7467 Datasheet HTML 71Page - Analog Devices ADT7467 Datasheet HTML 72Page - Analog Devices ADT7467 Datasheet HTML 73Page - Analog Devices ADT7467 Datasheet HTML 74Page - Analog Devices ADT7467 Datasheet HTML 75Page - Analog Devices ADT7467 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
ADT7467
Rev. 0 | Page 72 of 80
Table 42. Local Temperature Offset
Register Address
R/W1
Description
Power-On Default
0x71
Read/write
Local temperature offset.
0x00
<7:0>
Read/write
Allows a twos complement offset value to be
automatically added to or subtracted from the local
temperature reading. LSB value = 0.5°C.
1 This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 43. Remote 2 Temperature Offset
Register Address
R/W1
Description
Power-On Default
0x72
Read/write
Remote 2 temperature offset.
0x00
<7:0>
Read/write
Allows a twos complement offset value to be
automatically added to or subtracted from the
Remote 2 temperature reading. This is to
compensate for any inherent system offsets such as
PCB trace resistance. LSB value = 0.5°C.
1 This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 44. Register 0x73—Configuration Register 2 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
0
AIN1
Read/write
AIN1 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN1 = 1, Pin 6 is reconfigured to measure the speed of 2-wire fans using an
external sensing resistor and coupling capacitor. AIN voltage threshold is set via
Configuration Register 4 (Reg. 0x7D). Only relevant in low frequency mode.
1
AIN2
Read/write
AIN2 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN2 = 1, Pin 7 is reconfigured to measure the speed of 2-wire fans using an
external sensing resistor and coupling capacitor. AIN voltage threshold is set via
Configuration Register 4 (Reg. 0x7D). Only relevant in low frequency mode.
2
AIN3
Read/write
AIN3 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN3 = 1, Pin 4 is reconfigured to measure the speed of 2-wire fans using an
external sensing resistor and coupling capacitor. AIN voltage threshold is set via
Configuration Register 4 (Reg. 0x7D). Only relevant in low frequency mode.
3
AIN4
Read/write
AIN4 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN4 = 1, Pin 9 is reconfigured to measure the speed of 2-wire fans using an
external sensing resistor and coupling capacitor. AIN voltage threshold is set via
Configuration Register 4 (Reg. 0x7D). Only relevant in low frequency mode.
4
AVG
Read/write
AVG = 1, averaging on the temperature and voltage measurements is turned off.
This allows measurements on each channel to be made much faster.
5
ATTN
Read/write
ATTN = 1, the ADT7467 removes the attenuators from the VCCP input. The VCCP input
can be used for other functions such as connecting up external sensors.
6
CONV
Read/write
CONV = 1, the ADT7467 is put into a single-channel ADC conversion mode. In this
mode, the ADT7467 can be made to read continuously from one input only, for
example, Remote 1 temperature. The appropriate ADC channel is selected by
writing to bits <7:5> of TACH1 minimum high byte register (0x55).
Bits <7:5> Reg. 0x55
000
Reserved
001
VCCP
010
VCC (3.3 V)
011
Reserved
100
Reserved
101
Remote 1 temperature
110
Local temperature
111
Remote 2 temperature
7
SHDN
Read/write
SHDN = 1, ADT7467 goes into shutdown mode. All PWM outputs assert low (or
high depending on state of INV bit) to switch off all fans. The PWM current duty
cycle registers read 0x00 to indicate that the fans are not being driven.
1 This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com