Electronic Components Datasheet Search
  English  ▼

X  

ADV7393 Datasheet(PDF) 60 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 56Page - Analog Devices ADV7393 Datasheet HTML 57Page - Analog Devices ADV7393 Datasheet HTML 58Page - Analog Devices ADV7393 Datasheet HTML 59Page - Analog Devices ADV7393 Datasheet HTML 60Page - Analog Devices ADV7393 Datasheet HTML 61Page - Analog Devices ADV7393 Datasheet HTML 62Page - Analog Devices ADV7393 Datasheet HTML 63Page - Analog Devices ADV7393 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 61 of 96
EXTERNAL HORIZONTAL AND VERTICAL SYNCHRONIZATION CONTROL
For timing synchronization purposes, the ADV739x is able to accept either EAV/SAV time codes embedded in the input pixel data or
external synchronization signals provided on the HSYNC and VSYNC pins (see Table 48). It is also possible to output synchronization
signals on the HSYNC and VSYNC pins (see Table 49 to Table 51).
Table 48. Timing Synchronization Signal Input Options
Signal
Pin
Condition
SD HSYNC In
HSYNC
SD Slave Timing Mode 1, Mode 2, or Mode 3 Selected (Subaddress 0x8A[2:0]).1
SD VSYNC/FIELD In
VSYNC
SD Slave Timing Mode 1, Mode 2, or Mode 3 Selected (Subaddress 0x8A[2:0]).1
ED/HD HSYNC In
HSYNC
ED/HD Timing Synchronization Inputs Enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD VSYNC/FIELD In
VSYNC
ED/HD Timing Synchronization Inputs Enabled (Subaddress 0x30, Bit 2 = 0).
1 SD and ED/HD timing synchronization outputs must also be disabled (Subaddress 0x02[7:6] = 00).
Table 49. Timing Synchronization Signal Output Options
Signal
Pin
Condition
SD HSYNC Out
HSYNC
SD Timing Synchronization Outputs enabled (Subaddress 0x02, Bit 6 = 1).1
SD VSYNC/FIELD Out
VSYNC
SD Timing Synchronization Outputs enabled (Subaddress 0x02, Bit 6 = 1).1
ED/HD HSYNC Out
HSYNC
ED/HD Timing Synchronization Outputs enabled (Subaddress 0x02, Bit 7 = 1).2
ED/HD VSYNC/FIELD Out
VSYNC
ED/HD Timing Synchronization Outputs enabled (Subaddress 0x02, Bit 7 = 1).2
1 ED/HD timing synchronization outputs must also be disabled (Subaddress 0x02, Bit 7 = 0).
2 ED/HD timing synchronization inputs must also be disabled, that is, embedded EAV/SAV timing codes must be enabled (Subaddress 0x30, Bit 2 = 1).
Table 50. HSYNC Output Control1
ED/HD Input Sync
Format (0x30, Bit 2)
ED/HD HSYNC
Control
(0x34, Bit 1)
ED/HD Sync
Output Enable
(0x02, Bit 7)
SD Sync
Output Enable
(0x02, Bit 6)
Signal on HSYNC Pin
Duration
x
x
0
0
Tristate.
–
x
x
0
1
Pipelined SD HSYNC.
See Error! Reference
source not found..
0
0
1
x
Pipelined ED/HD HSYNC.
As per HSYNC timing.
1
0
1
x
Pipelined ED/HD HSYNC based on
AV Code H bit.
Same as line blanking
interval.
x
1
1
x
Pipelined ED/HD HSYNC based on
horizontal counter.
Same as embedded
HSYNC.
1 In all ED/HD standards where there is a HSYNC output, the start of the HSYNC pulse is aligned with the falling edge of the embedded HSYNC in the output video.
Table 51. VSYNC Output Control1
ED/HD Input
Sync Format
(0x30, Bit 2)
ED/HD VSYNC
Control
(0x34, Bit 2)
ED/HD Sync
Output Enable
(0x02, Bit 7)
SD Sync
Output Enable
(0x02, Bit 6)
Video Standard
Signal on VSYNC Pin
Duration
x
x
0
0
x
Tristate.
–
x
x
0
1
Interlaced
Pipelined SD VSYNC/Field.
See Error!
Reference source
not found..
0
0
1
x
x
Pipelined ED/HD VSYNC
or field signal.
As per VSYNC or
Field signal timing.
1
0
1
x
All HD interlaced
standards
Pipelined Field signal
based on AV Code F bit.
Field.
1
0
1
x
All ED/HD progressive
standards
Pipelined VSYNC based on
AV Code V bit.
Vertical blanking
interval.
x
1
1
x
All ED/HD standards
except 525p
Pipelined ED/HD VSYNC
based on vertical counter.
Aligned with
serration lines.
x
1
1
x
525p
Pipelined ED/HD VSYNC
based on vertical counter.
Vertical blanking
interval.
1 In all ED/HD standards where there is a VSYNC output, the start of the VSYNC pulse is aligned with the falling edge of the embedded VSYNC in the output video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com