Electronic Components Datasheet Search
  English  ▼

X  

ADV7393 Datasheet(PDF) 61 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 57Page - Analog Devices ADV7393 Datasheet HTML 58Page - Analog Devices ADV7393 Datasheet HTML 59Page - Analog Devices ADV7393 Datasheet HTML 60Page - Analog Devices ADV7393 Datasheet HTML 61Page - Analog Devices ADV7393 Datasheet HTML 62Page - Analog Devices ADV7393 Datasheet HTML 63Page - Analog Devices ADV7393 Datasheet HTML 64Page - Analog Devices ADV7393 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 61 of 96
LOW POWER MODE
Subaddress 0x0D, Bits[2:0]
For power sensitive applications, the ADV739x supports an
Analog Devices, Inc. proprietary low power mode of operation.
To utilize this low power mode, the DACs must be operating in
full-drive mode (RSET = 510 Ω, RL = 37.5 Ω). Low power mode is
not available in low drive mode (RSET = 4.12 kΩ, RL = 300 Ω).
Low power mode can be independently enabled or disabled on
each DAC using Subaddress 0x0D, Bits[2:0]. Low power mode
is disabled by default on all DACs.
In low power mode, DAC current consumption is content
dependent, and on a typical video stream, it can be reduced by
as much as 40%. For applications requiring the highest possible
video performance, low power mode should be disabled.
CABLE DETECTION
Subaddress 0x10, Bits[1:0]
The ADV739x includes an Analog Devices, Inc. proprietary
cable detection feature.
The cable detection feature is available on DAC 1 and DAC 2
when operating in full-drive mode (RSET = 510 Ω, RL = 37.5 Ω,
assuming a connected cable). The feature is not available in low-
drive mode (RSET = 4.12 kΩ, RL = 300 Ω). For a DAC to be
monitored, the DAC must be powered up in Subaddress 0x00.
The cable detection feature can be used with all SD, ED, and
HD video standards. It is available for all output configurations,
that is, CVBS, YC, YPrPb, and RGB output configurations.
For CVBS/YC output configurations, both DAC 1 and DAC 2
are monitored, that is, the CVBS and YC luma outputs are
monitored. For YPrPb and RGB output configurations, only
DAC 1 is monitored, that is, the luma or green output is
monitored.
Once per frame, the ADV739x monitors DAC 1 and/or DAC 2,
updating Subaddress 0x10, Bit 0 and/or Bit 1, respectively. If a
cable is detected on one of the DACs, the relevant bit is set to 0.
If not, the bit is set to 1.
DAC AUTO POWER-DOWN
Subaddress 0x10, Bit 4
For power sensitive applications, a DAC auto power-down
feature can be enabled using Subaddress 0x10, Bit 4. This
feature is only available when the cable detection feature is
enabled.
With this feature enabled, the cable detection circuitry monitors
DAC 1 and/or DAC 2 once per frame, and if they are
unconnected, automatically powers down some or all of the
DACs. Which DAC or DACs are powered down depends on the
selected output configuration.
For CVBS/YC output configurations, if DAC 1 is unconnected,
only DAC 1 powers down. If DAC 2 is unconnected, DAC 2 and
DAC 3 power down.
For YPrPb and RGB output configurations, if DAC 1 is
unconnected, all three DACs are powered down. DAC 2 is not
monitored for YPrPb and RGB output configurations.
Once per frame, DAC 1 and/or DAC 2 are monitored. If a cable
is detected, the appropriate DAC or DACs remain powered up
for the duration of the frame. If no cable is detected, the
appropriate DAC or DACs power down until the next frame,
when the process is repeated.
PIXEL AND CONTROL PORT READBACK
Subaddress 0x13, Subaddress 0x14, Subaddress 0x16
The ADV739x supports the readback of most digital inputs via
the I2C/SPI MPU port. This feature is useful for board-level
connectivity testing with upstream devices.
The pixel port (P[15:0] or P[7:0]), HSYNC, VSYNC, and
SFL/MISO are available for readback via the MPU port.
The readback registers are located at Subaddress 0x13,
Subaddress 0x14, and Subaddress 0x16.
When using this feature, a clock signal should be applied to the
CLKIN pin to register the levels applied to the input pins.
The SD input mode (Subaddress 0x01, Bits[6:4] = 000) must be
selected when using this feature.
RESET MECHANISMS
Subaddress 0x17, Bit 1
A hardware reset is activated with a high-to-low transition on
the RESET pin in accordance with the timing specifications.
This resets all registers to their default values. After a hardware
reset, the MPU port is configured for I2C operation. For correct
device operation, a hardware reset is necessary after power-up.
The ADV739x also has a software reset accessible via the
I2C/SPI MPU port. A software reset is activated by writing a 1
to Subaddress 0x17, Bit 1. This resets all registers to their
default values. This bit is self-clearing, that is, after a 1 has been
written to the bit, the bit automatically returns to 0.
When operating in SPI mode, a software reset does not cause
the device to revert to I2C mode. For this to occur, a hardware
reset via the RESET pin or a power-down needs to occur.
A hardware reset is necessary after power-up for correct device
operation. If no hardware reset functionality is required by the
application, the RESET pin can be connected to a RC network
to provide the hardware reset necessary after power-up. After
power-up, the time constant of the RC network holds the
RESET pin low for long enough to cause a reset to take place.
All subsequent resets can be done via software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com