Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 14 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 14 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 10Page - Pico Technology Ltd. 100 Datasheet HTML 11Page - Pico Technology Ltd. 100 Datasheet HTML 12Page - Pico Technology Ltd. 100 Datasheet HTML 13Page - Pico Technology Ltd. 100 Datasheet HTML 14Page - Pico Technology Ltd. 100 Datasheet HTML 15Page - Pico Technology Ltd. 100 Datasheet HTML 16Page - Pico Technology Ltd. 100 Datasheet HTML 17Page - Pico Technology Ltd. 100 Datasheet HTML 18Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Full instrument functionality using PicoVNA 3 software
PicoVNA 3 software presents VNA measurement and calibration simply, intuitively and with efficient usage at its heart. The software offers a comprehensive range of
measurements and multiple trace, dual-axis plot formats in one, two or four user-configurable display channels. All the standard vector network analyzer functions and tabulated
measurements can be seen at a glance.
Marker summary
Marker readouts
Table of up to eight
markers for the
selected channel in
trace color.
User interface
Controls, instrument
and status
information, trigger
and vector trace math
functionsnformation
and vector trace math
functions.
Direct access to channel settings
Click or touch, drag or type values, reference position, scalings and markers
Axis parameters
Display two Y-axis parameters per graph
Illustrated use of display channels and Y-axes
1. Two live update parameters (S
11 and S22), plotted log magnitude (left axis) and SWR (right axis
2. One live parameter (S
21), plotted Log Magnitude at 0.5 dB/div (left axis), and 0.05 dB/div and -2.0 dB offset (right axis)
3. One live parameter (S
11), plotted Time Domain (impedance by time or distance)
4. Two live parameters (S
11 and S22), plotted as Smith Chart
Plot formats
Log magnitude
Phase
Smith chart
VSWR
Group delay
Linear magnitude
Real
Imaginary
Time domain
Polar linear
1
2
1
1
2
3
4
1
2
3
4
Display formats
One, two or four channels
Import/export, help and utilities
Save, recall, print, labels and calibration tools
P1dB, AM to PM, signal generator and
compare data utilities
PicoVNA 108 only: Save on trigger, mixer
measurements and phase meter
S
11/S22 - parameters being plotted
LogMag - measurement type/unit
- reference position indicator
0.0 dB - reference level
5.0 dB/DIV - sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com