Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 42 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 42 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 34Page - Pico Technology Ltd. 100 Datasheet HTML 35Page - Pico Technology Ltd. 100 Datasheet HTML 36Page - Pico Technology Ltd. 100 Datasheet HTML 37Page - Pico Technology Ltd. 100 Datasheet HTML 38Page - Pico Technology Ltd. 100 Datasheet HTML 39Page - Pico Technology Ltd. 100 Datasheet HTML 40Page - Pico Technology Ltd. 100 Datasheet HTML 41Page - Pico Technology Ltd. 100 Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
UK global headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office:
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office:
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.asia-pacific@picotech.com
EU Authorized Representative:
Pico Technology GmbH
Im Rehwinkel 6
30827 Garbsen
Germany
+49 (0) 5131 907 62 90
info.de@picotech.com
www.picotech.com
Code Description
USD* EUR* GBP*
PQ111 PicoVNA 106 6 GHz vector network analyzer
6 535 5 555 4 585
PQ112 PicoVNA 108 8.5 GHz vector network analyzer
8 845 7 505 6 205
TA336 Standard 8.5 GHz flexible test lead, male port, N(m)-SMA(m)
309
259
215
TA337 Standard 8.5 GHz flexible test lead, female port, N(m)-SMA(f)
309
259
215
TA338 Premium 8.5 GHz flexible test lead, male port, N(m)-PC3.5(m)
809
689
569
TA339 Premium 8.5 GHz flexible test lead, female port, N(m)-PC3.5(f)
809
689
569
TA342 ADA-STD-MM Standard test port adaptor SMA(m-m)
77
66
54
TA343 ADA-STD-FF Standard test port adaptor SMA(f-f)
77
66
54
TA357 ADA-STD-FM Standard within series adaptor SMA(f-m)
77
66
54
TA340 ADA-PREM-MM Premium test port adaptor PC3.5(m-m)
155
129
109
TA341 ADA-PREM-FF Premium test port adaptor PC3.5(f-f)
155
129
109
TA354 ADA-PREM-FM Premium within series adaptor PC3.5(f-m)
155
129
109
TA344 SOLT-STD-M Standard 8.5 GHz SOLT calibration kit SMA(m)
519
439
369
TA345 SOLT-STD-F Standard 8.5 GHz SOLT calibration kit SMA(f)
519
439
369
TA346 SOLT-PREM-M Premium 8.5 GHz SOLT calibration kit PC3.5(m)
859
729
599
TA347 SOLT-PREM-F Premium 8.5 GHz SOLT calibration kit PC3.5(f)
859
729
599
Code Description
USD* EUR* GBP*
TA518 SOLT-AUTO-M 8.5 GHz automated calibration kit SMA(m)
1 845 1 565 1 295
TA519 SOLT-AUTO-F 8.5 GHz automated calibration kit SMA(f)
1 845 1 565 1 295
TA520 Dual 8.5 GHz automated calibration kit SMA(f) and SMA(m) 3 495 2 975 2 455
TA430 CHK-INS-MF insertable check standard SMA(m-f)
859
729
599
TA431 CHK-NON-F noninsertable check standard SMA(f-f)
859
729
599
MI030 BNC-BNC cable 1 m
14
12
10
TA314 Adaptor 18 GHz 50 Ω SMA(f)-N(m)
125
105
85
TA265 Precision sleeved coaxial cable 30 cm 1.3 dB at 13 GHz
73
62
51
TA312 Precision sleeved coaxial cable 60 cm 2.2 dB at 13 GHz
73
62
51
TA358 Dual-break torque wrench N-type 1 N·m (8.85 in·lb)
215
179
149
TA356 Dual-break torque wrench SMA/PC3.5/K, 1 N·m (8.85 in·lb)
215
179
149
CC046 Calibration certificate and data for PicoVNA
369
319
259
CC047 Calibration for SOLT-STD-M or SOLT-STD-F
109
95
78
CC048 Calibration for SOLT-PREM-M or SOLT-PREM-F
159
135
109
CC050 Calibration for CHK-INS-MF or CHK-NON-F
159
135
109
CC057 Calibration for SOLT-AUTO-M or SOLT-AUTO-F
259
219
179
* Prices correct at the time of publication. Sales taxes not included. Please check www.picotech.com for the latest prices before ordering.
Errors and omissions excepted.
Pico Technology is an internationally registered trade mark of Pico Technology Ltd. PicoVNA is a registered trade mark of Pico Technology Ltd.
MM084.en-16. Copyright © 2017–2023 Pico Technology Ltd. All rights reserved.
Ordering information
We supply a wider range of RF accessories including coaxial adaptors, attenuators and filters. See website for details.
PicoVNA® 100 Series vector network analyzers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com