Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 27 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 27 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 23Page - Pico Technology Ltd. 100 Datasheet HTML 24Page - Pico Technology Ltd. 100 Datasheet HTML 25Page - Pico Technology Ltd. 100 Datasheet HTML 26Page - Pico Technology Ltd. 100 Datasheet HTML 27Page - Pico Technology Ltd. 100 Datasheet HTML 28Page - Pico Technology Ltd. 100 Datasheet HTML 29Page - Pico Technology Ltd. 100 Datasheet HTML 30Page - Pico Technology Ltd. 100 Datasheet HTML 31Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Cadence AWR Connected for PicoVNA
The AWR Connected wizard for the PicoVNA brings
affordable vector network measurement right into
the Cadence AWR Design Environment. Component,
system and subsystem measurements are available,
controllable and displayed inside your simulation
workspace. Real-world measurements become
available for one-click transfer directly to project data
files – that you can use within your simulations or for
direct plot and comparison.
Design–Simulate–Implement–Measure workflow is
encapsulated in a single design environment, tightly
coupled for optimized speed and efficiency.
Features at a glance
•
Control and view PicoVNA output inside your design environment
•
One-click measurement transfer to new or existing project data files or plots
•
Fast, convenient comparison of ideal, modeled and measured component data
•
Simulation with measured component or subsystem data
•
Extend measured data to 0 Hz for passive component simulation at DC
•
Measure and plot active max. stable gain, available gain, K-factor and B1
Powerful education and training alliance
Can there be any more effective and rewarding learning experience than completing the
whole design cycle? Unfortunately, the high costs of microwave network measurement
have for many compromised that experience in the classroom. We believe that the more
affordable PicoVNA 106 6 GHz full-function, professional-grade vector network analyzer,
partnered with Microwave Office, changes the game.
Microwave Office layout with the PicoVNA
wizard (2nd panel) in the workspace
Implement
AWR
Simulate
AWR
Design
Measure
How it works
1. Start the PicoVNA wizard
to launch the PicoVNA
control software and
establish control of the
PicoVNA.
2. From the PicoVNA tab
select your saved calibration
and measurement settings.
Select single or dual port
import and preferred
preview plots.
3. Save Touchstone from
here if required.
6. Optionally use the
Passive Component or
Transistor data tabs to
create or update parameter
graph plots with one click.
4. From the MWO Datafile
tab, select or create a
project data file to receive
your measured data.
5. One click creates or
updates your data.
Designed within Microwave
Office, the PCB project
design file is available to
download. Students and
trainers can engage at
any point in the design
cycle, compare simulation
with real measurement,
and experiment within
the simulated and real
environments.
Microwave Office project file for the Network Metrology Test kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com