Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 15 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 15 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 11Page - Pico Technology Ltd. 100 Datasheet HTML 12Page - Pico Technology Ltd. 100 Datasheet HTML 13Page - Pico Technology Ltd. 100 Datasheet HTML 14Page - Pico Technology Ltd. 100 Datasheet HTML 15Page - Pico Technology Ltd. 100 Datasheet HTML 16Page - Pico Technology Ltd. 100 Datasheet HTML 17Page - Pico Technology Ltd. 100 Datasheet HTML 18Page - Pico Technology Ltd. 100 Datasheet HTML 19Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
PicoVNA feature
PicoVNA 5 current release
PicoVNA 3
Operating system, platform and display
Supported operating systems
Linux, Windows 7+, macOS 11 (Big Sur)+
Linux test distributions Debian 8 (Jessie) , Ubuntu 18.04
(LTS), Mint Cinnamon (Vera), openSUSE Leap 15.0,
Fedora 28, Arch Linux. No problems anticipated on other
distributions.
Windows only
Supported controllers
PC, Mac (Intel/Arm), Linux AArchh64 onwards, Pi 3
onwards 64 bit
PC only
Supported display resolution
All
Limited rescaling to monitor aspect and resolution
Development environment
Generic, foundational and ground-up design. Built for
speed, scalability and cross-platform compatibility.
Maintains compatibility with older computer hardware
while making efficient use of modern hardware to unlock
new data processing possibilities. Designed to be
capable of rapid expansion to meet ever evolving user
requirements.
Legacy MSWindows design environment and toolset,
limited scope and design efficiency to rapidly meet ever
increasing user needs.
Measurement viewports (channels)
Live traces per viewport (plot channel)
2
4
Dual-axis plots
Yes
Memory traces per viewport (plot channel)
Unlimited*
4
Number of viewports (plot channels)
1 to unlimited*
1, 2 or 4
No. of live time domain viewports (plot channels)
Unlimited* (from any span setting)
1 (requires 2n measurement points)
User scaling and positioning of plots
Drag position and shape with snap to infinite grid
No, three built in layouts only
Plot variants
Plot types
Cartesian (Time and Frequency), Polar, Smith
Plot formats
Log Mag, Lin Mag, Phase, Re, Im, Group Delay, VSWR, TD
Plot interpolations
User prefered linear, Cubic Spline or Akima Spline applied
to Mag/Angle or Re/Im
Linear dot join on frequency domain plots, cubic spline on
TD plots
Time domain variants
Low pass (step/impulse) and band pass (impulse) with
Hanning, Rectangular and Kaiser Bessel windowing and
Auto/Manual DC termination
Low Pass with Hanning, rectangular and Kaiser Bessel
windowing and Auto/Manual DC termination
PicoVNA 5/PicoVNA 3 feature comparison
PicoVNA 5 software will be preferred by most users. There will however be a brief period for which certain PicoVNA features are not yet addressed in the new software. PicoVNA 3
software therefore remains available and fully supported. The table below gives full detail comparison of features between the two softwares.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com