Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 26 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 26 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 22Page - Pico Technology Ltd. 100 Datasheet HTML 23Page - Pico Technology Ltd. 100 Datasheet HTML 24Page - Pico Technology Ltd. 100 Datasheet HTML 25Page - Pico Technology Ltd. 100 Datasheet HTML 26Page - Pico Technology Ltd. 100 Datasheet HTML 27Page - Pico Technology Ltd. 100 Datasheet HTML 28Page - Pico Technology Ltd. 100 Datasheet HTML 29Page - Pico Technology Ltd. 100 Datasheet HTML 30Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Network Metrology Demonstrator Kits
Two Network Metrology Demonstrator Kits are also offered. These include Pico’s now widely respected Standard SMA or Precision PC3.5
professional-grade test leads, a female SOLT calibration kit and an SMA non-insertable female-to-female Check Standard; both with reference
data, traceable back to national standards. Either of these kits can realise and verify the full measurement capability and accuracy of the
PicoVNA 106 or 108. High-quality, low-uncertainty measurements can then be made, suiting this training investment to much wider application
within research and doctorate projects. Accurate measurement can also establish accurate reference and error terms in the measurements that
students are making when using the PQ186 Network Metrology Training Kit.
Order
code
Description
Notes
USD*
EUR*
GBP*
PQ186 Network Metrology Training Kit and carry case
Incl: PQ189 training PCA, PQ190 SMA(f) training SOLT kit, 2x N(m)-SMA(f) inter-
series adaptor, 2x TA312 60 cm SMA(m-m) test lead, TA177 SMA wrench.
889
759
629
PQ189 Network Metrology Training printed circuit accessory and carry case
509
429
359
PQ187 Network Metrology Leader Standard kit SMA(f) and carry case
Incl: 2x TA336 N(m)-SMA(m) standard test lead, TA345 SMA(f) SOLT calibration
kit and data, TA431 SMA(f-f) non-insertable check standard and data
1855
1575
1305
PQ188 Network Metrology Leader Premium Kit PC3.5(f) Demonstrator kit and
carry case
Incl: 2x TA338 N(m)-PC3.5(m) premium test lead, TA347 PC3.5(f) SOLT
calibration kit and data, TA431 SMA(f-f) non-insertable check standard and data
3125
2655
2195
PQ190 Network Metrology Low Cost SOLT Kit SMA(f)
Typical .kit data can be downloaded
105
89
75
PS011 + 5 V DC plug top AC power supply and international adaptors
30
25
21
* Prices correct at time of publication. Sales taxes not included. Please contact Pico Technology for the latest prices before ordering. All part-numbered items separately available.
PQ187
Computer-aided design partners
Antenna matching with Optenni Lab CAD software
IoT, 5G, WiFi, V2X – has there ever been a bigger market explosion than the use of the
antenna, and use within very challenging locations? Optenni Lab is industry-leading RF
design automation software for antenna matching and RF chain performance optimization.
The tool addresses multi-band, broadband, multi-antenna and tunable antenna systems and
synthesizes measurement-based matching solutions in real time. In other words, Optenni Lab
outputs optimized matching circuits based on live vector network analyzer measurements
of antennas. Optenni Lab versions from 4.3 SP5 are compatible with the PicoVNA. The tool
synthesizes optimal topologies from discrete, distributed, variable or switched component
libraries against desired bandwidth and isolation targets, taking into account mutual coupling
to nearby antennas. Optenni Lab automatically outputs highly complex and normally time-
consuming designs. This CAD software interfaces the PicoVNA control DLL directly and no
further software is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com