Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 41 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 41 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 34Page - Pico Technology Ltd. 100 Datasheet HTML 35Page - Pico Technology Ltd. 100 Datasheet HTML 36Page - Pico Technology Ltd. 100 Datasheet HTML 37Page - Pico Technology Ltd. 100 Datasheet HTML 38Page - Pico Technology Ltd. 100 Datasheet HTML 39Page - Pico Technology Ltd. 100 Datasheet HTML 40Page - Pico Technology Ltd. 100 Datasheet HTML 41Page - Pico Technology Ltd. 100 Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
PicoVNA 106 (PQ111) and PicoVNA 108 (PQ112) kit contents
PicoVNA vector network analyzer
Calibrated.
Certificate with data available separately.
PS010 Universal input 12 V 4.5 A output power supply
PA153 PicoVNA carry case
DI111 PicoVNA software and documents on USB flash drive
TA486 PicoWrench RF combination wrench
For N, SMA, PC3.5 and K-type connectors.
Quantity: 2.
MI106 Pico blue USB 2.0 cable 1.8 m
Accessories available separately
TA356 Dual-break torque wrench SMA/PC3.5/K-type
TA358 Dual-break torque wrench N-type
Both types: 1 N·m/8.85 in·lb
TA336 Standard test lead with SMA(m) port
TA337 Standard test lead with SMA(f) port
TA338 Premium test lead with PC3.5(m) port
TA339 Premium test lead with PC3.5(f) port
TA340 Standard PC3.5 port adaptor (m-m)
TA341 Standard PC3.5 port adaptor (f-f)
TA354 Standard PC3.5 port saver (m-f)
TA342 Premium SMA port adaptor (m-m)
TA343 Premium SMA port adaptor (f-f)
TA357 Premium SMA port saver (m-f)
TA344 Standard SOLT calibration kit SMA(m) with data
TA345 Standard SOLT calibration kit SMA(f) with data
TA346 Premium SOLT calibration kit PC3.5(m) with data
TA347 Premium SOLT calibration kit PC3.5(f) with data
TA518 SOLT-AUTO-M 8.5 GHz E-Cal calibration kit SMA(m)
TA519 SOLT-AUTO-F 8.5 GHz E-Cal calibration kit SMA(f)
TA520 Dual gender 8.5 GHz E-Cal calibration kit SMA(m, f)
TA430 Insertable check standard SMA(m-f) with data
TA431 Noninsertable check standard SMA(f-f) with data
CC046 PicoVNA calibration and certificate with data
CC047 Recalibration of standard calibration kit
CC048 Recalibration of premium calibration kit
CC050 Remeasurement of check standard
CC057 Recalibration of E-Cal automated calibration kit
PQ186 Network Metrology Training Kit
PQ189 Network Metrology Training PCA (only)
PQ187 Network Metrology Leader Standard Kit
PQ188 Network Metrology Leader Premium Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com