Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 37 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 37 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 33Page - Pico Technology Ltd. 100 Datasheet HTML 34Page - Pico Technology Ltd. 100 Datasheet HTML 35Page - Pico Technology Ltd. 100 Datasheet HTML 36Page - Pico Technology Ltd. 100 Datasheet HTML 37Page - Pico Technology Ltd. 100 Datasheet HTML 38Page - Pico Technology Ltd. 100 Datasheet HTML 39Page - Pico Technology Ltd. 100 Datasheet HTML 40Page - Pico Technology Ltd. 100 Datasheet HTML 41Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Sweep I/O characteristics
Sweep trigger output voltage
Low: 0 V to 0.8 V. High: 2.2 V to 3.6 V.
Sweep trigger input voltage
Low: −0.1 V to 1 V. High: 2.0 V to 4 V.
Sweep trigger input voltage
±6 V
No damage
Sweep trigger in/out connectors
BNC female on back panel
Measuring functions
Measuring parameters
S
11, S21, S22, S12
P1dB (1 dB gain compression)
AM to PM conversion factor (PM due to AM)
Mixer conversion loss, return loss, isolation and compression (PicoVNA 108 only)
Error correction
12 error term full S-parameter correction (insertable DUT)
12 error term full S-parameter correction (noninsertable DUT)
8 error term full S-parameter unknown through correction (noninsertable DUT)
S
11 (1-port correction)
De-embed (2 embedding networks may be specified)
Impedance conversion
S
21 (normalize, normalize + isolation)
S
21 (source match correction + normalize + isolation)
Averaging, smoothing
Hanning and Kaiser–Bessel filtering on time-domain measurements
Electrical length compensation (manual or auto)
Effective dielectric constant correction
Display channels
4 channels
Traces
Up to 4 live traces, two plot parameters and/or plot axis scalings per display
channel
Display formats
Amplitude (logarithmic and linear), phase, group delay, VSWR, real, imaginary,
Smith chart, polar, time domain
Memory trace
Up to 4 memory traces per display channel
Limit lines
6 segments on one trace, per channel (overlap allowed)
Markers
8 markers
Marker functions
Normal, Δ marker, fixed marker, peak/min. hold, 3 dB and 6 dB bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com