Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 17 Page - Pico Technology Ltd.

Part # 100
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

100 Datasheet(HTML) 17 Page - Pico Technology Ltd.

Back Button 100 Datasheet HTML 13Page - Pico Technology Ltd. 100 Datasheet HTML 14Page - Pico Technology Ltd. 100 Datasheet HTML 15Page - Pico Technology Ltd. 100 Datasheet HTML 16Page - Pico Technology Ltd. 100 Datasheet HTML 17Page - Pico Technology Ltd. 100 Datasheet HTML 18Page - Pico Technology Ltd. 100 Datasheet HTML 19Page - Pico Technology Ltd. 100 Datasheet HTML 20Page - Pico Technology Ltd. 100 Datasheet HTML 21Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
PicoVNA feature
PicoVNA 5 current release
PicoVNA 3
Supported cal kit definition
Pico.kit file, TouchStone, polynomial coefficients and TRL
(1/2 frequency bands) and Open or Short Reflect. Includes
in-app kits editor
Pico.kit file, TouchStone via external conversion to .kit,
polynomial coefficients and TRL (1/2 frequency bands
and Open or Short Reflect. Includes in-app kits editor
Import/export, save/recall and offline working
Save/recall session
Yes, save all with selection at recall of calibration,
settings, data.
Yes, save settings or calibration and settings
Import/export
Yes, .csv (comma or point separator), Touchstone V1/V2,
MA,DB,RI, a-b wave.csv
Yes, .csv, Touchstone MA, a-b wave.csv
Standalone (off-line) operation
Yes; load, process, display, measure and re-save your data
without instrument connection.
No
Save and Print display, viewport and readouts graphics
Not in current release - print screen or graphics grabbers
available
Yes, plots + readouts with user print title labelling
Remote interfacing
Remote control and retrieve
SCPI compliant GUI control and retrieve with Local
- Remote operator inter-action. Plus separate high
performance API.
Separate GUI-less DLL
Compatibile with PicoVNA 3 command set
No, PicoVNA 3 control.dll remains supported and there
are comprehensive SDK examples to assist migration.
Yes
Network presence
Network present application that allows fully remoted
command and retrieve, GUI operation and display
mirroring.
No network remote support
Fixture or feed removal and Z
0 conversion
Reference plane shift
Yes, manual in current release, independent on each port
and can be combined with embe/de-embed networks as
below
Yes, manual or automatic, independent on each port
Normalisation
No, not in current release.
Yes, either via trace math or loss at 1 GHz.
Embed/de-embed
Yes, de-embed separate Touchstone defined networks,
one or multiple on each port, which can be applied in
addition to Ref Plane Shift from above.
Yes, de-embed separate Touchstone defined networks,
one on each port
System impedance adjust - Z
0 conversion
Not in current release
Yes, 10Ω to 200Ω, purely resistive and applicable to Live
and Memory traces
PicoVNA 5/PicoVNA 3 feature comparison (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com