Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW78 Datasheet HTML 2Page - NXP Semiconductors BLW78 Datasheet HTML 3Page - NXP Semiconductors BLW78 Datasheet HTML 4Page - NXP Semiconductors BLW78 Datasheet HTML 5Page - NXP Semiconductors BLW78 Datasheet HTML 6Page - NXP Semiconductors BLW78 Datasheet HTML 7Page - NXP Semiconductors BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors BLW78 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
August 1986
6
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
APPLICATION INFORMATION
R.F. performance in c.w. operation (unneutralized common-emitter class-B circuit); Th =25 °C
List of components:
Note
1. ATC means American Technical Ceramics.
f (MHz)
VCE (V)
PL (W)
PD (W)
η (%)
zi (Ω)
ZL (Ω)
150
28
100
≤ 25
≥ 70
0,74
+ j1,35
4,30
+ j0,60
C1 = C2 = C7 = C8 = 5 to 100 pF film dielectric trimmer
C3 = 203 pF; 2
× 82 pF and 39 pF multilayer ceramic chip capacitors (500 V, ATC(1)) in parallel
C4 = 39 pF multilayer ceramic chip capacitor (500 V, ATC(1))
C5 = 1 nF feed-through capacitor
C6 = 100 nF polyester capacitor
L1 = strip (30 mm
× 8 mm); bent to form inverted ‘U’ shape with top 15 mm above heatsink, and bottom 5 mm above
heatsink
L2 = 1
µH r.f. choke
L3 = strip; shape as shown in Fig.8; 5 mm above heatsink
L4 = strip (40 mm
× 8 mm); bent in form
, 25 mm at 15 mm above heatsink, 5 mm at 5 mm above heatsink
L5 = strip (75 mm long; width 8 mm); 5 mm above base
L1, L3, L4, and L5 are copper strips with a thickness of 0,6 mm.
Heatsink: aluminium; 0,9 K/W
At PL = 100 W and VCE = 28 V, the output power at heatsink temperatures between 25 °C and 90 °C relative to that at
25
°C is diminished by typ. 0,12 W/K.
Component layout on an aluminium heatsink for 150 MHz test circuit is shown in Fig.8.
Fig.7 Test circuit; c.w. class-B; f = 150 MHz.
handbook, full pagewidth
MGP548
50
Ω
50
Ω
C2
L2
C1
C7
C8
L3
L5
+VCC
L1
T.U.T.
C3
C4
C5
C6
L4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com