Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors BLW78 Datasheet HTML 10Page - NXP Semiconductors BLW78 Datasheet HTML 11Page - NXP Semiconductors BLW78 Datasheet HTML 12Page - NXP Semiconductors BLW78 Datasheet HTML 13Page - NXP Semiconductors BLW78 Datasheet HTML 14Page - NXP Semiconductors BLW78 Datasheet HTML 15Page - NXP Semiconductors BLW78 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
August 1986
13
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 28 V; Th =25 °C; f1 = 28,000 MHz; f2 = 28,001 MHz
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
List of components:
OUTPUT POWER
W
Gp
dB
ηdt
%
IC
A
d3(1)
dB
d5(1)
dB
IC(ZS)
mA
100 (P.E.P.)
typ. 19
typ. 42
typ. 4,3
typ.
−30
typ.
−37
50
C1 = C11 = 150 pF air dielectric trimmer (single insulated rotor type)
C2 = 27 pF ceramic capacitor (500 V)
C3 = C12 = 150 pF air dielectric trimmer (single non-insulated rotor type)
C4 = 180 pF ceramic capacitor (500 V)
C5 = C8 = 3,9 nF ceramic capacitor
C6 = 150
µF/6 V solid tantalum capacitor
C7 = 150 pF ceramic capacitor (500 V)
C9 = 100 nF polyester capacitor
C10 = 750 pF mica dielectric trimmer (single insulated rotor type)
C13 = 750 pF mica dielectric trimmer (single non-insulated rotor type)
L1 = 3 turns enamelled Cu wire (1,0 mm); int. dia. 12 mm; length 12 mm
L2 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L3 = 3 turns enamelled Cu wire (2,0 mm); int. dia. 12 mm; length 12 mm
L4 = 2 turns enamelled Cu wire (2,0 mm); int. dia. 12 mm; length 8 mm
R1 = 27
Ω (± 10%) carbon resistor (0,5 W)
R2 = 4,7
Ω (± 10%) carbon resistor (0,5 W)
Fig.17 Test circuit; s.s.b. class-AB; f = 28 MHz.
handbook, full pagewidth
50
Ω
MGP558
50
Ω
C9
R2
C6
C5
C8
L2
L1
R1
L3
T.U.T.
L4
C11
C13
C12
temperature
compensated bias
(Ri < 0.1 Ω)
C10
C2
C1
C4
C7
C3
+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com