Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW78 Datasheet HTML 3Page - NXP Semiconductors BLW78 Datasheet HTML 4Page - NXP Semiconductors BLW78 Datasheet HTML 5Page - NXP Semiconductors BLW78 Datasheet HTML 6Page - NXP Semiconductors BLW78 Datasheet HTML 7Page - NXP Semiconductors BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors BLW78 Datasheet HTML 10Page - NXP Semiconductors BLW78 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
August 1986
7
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
Fig.8 Component layout on an aluminium heatsink for 150 MHz test circuit.
⊗ Earthing bolts.
handbook, full pagewidth
MGP549
input
50
Ω
aluminium heatsink
C1
C2
L1
L2
L3
L5
C3
C8
C7
output
50
Ω
C4
L4
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com