Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors BLW78 Datasheet HTML 10Page - NXP Semiconductors BLW78 Datasheet HTML 11Page - NXP Semiconductors BLW78 Datasheet HTML 12Page - NXP Semiconductors BLW78 Datasheet HTML 13Page - NXP Semiconductors BLW78 Datasheet HTML 14Page - NXP Semiconductors BLW78 Datasheet HTML 15Page - NXP Semiconductors BLW78 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
August 1986
12
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
Fig.16 Intermodulation distortion as a function of
output power; VCE = 26 V; IC =3A;
f1 = 28,000 MHz; f2 = 28,001 MHz;
Th =40 °C.
handbook, halfpage
050
−30
−50
−60
−40
MGP557
25
d3
(dB)
typ
P.E.P. (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com