Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW78 Datasheet HTML 1Page - NXP Semiconductors BLW78 Datasheet HTML 2Page - NXP Semiconductors BLW78 Datasheet HTML 3Page - NXP Semiconductors BLW78 Datasheet HTML 4Page - NXP Semiconductors BLW78 Datasheet HTML 5Page - NXP Semiconductors BLW78 Datasheet HTML 6Page - NXP Semiconductors BLW78 Datasheet HTML 7Page - NXP Semiconductors BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
August 1986
2
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
DESCRIPTION
N-P-N silicon planar epitaxial
transistor intended for use in class-A,
AB or B operated mobile, industrial
and military transmitters in the h.f.
and v.h.f. bands. It is resistance
stabilized and is guaranteed to
withstand severe load mismatch
conditions.
It has a 1
⁄2" flange envelope with a
ceramic cap. All leads are isolated
from the flange.
QUICK REFERENCE DATA
R.F. performance up to Th =25 °C
Note
1. Stated intermodulation distortion figures are referred to the according level of either of the equal amplified tones.
Relative to the according peak envelope powers these figures should be increased by 6 dB.
MODE OF OPERATION
VCE
V
IC
IC(ZS)
A
f
MHz
PL
W
Gp
dB
η
%
d3(1)
dB
c.w. (class-B)
28
−
150
100
>
6
>
70
−
s.s.b. (class-A)
26
3
28
35 (P.E.P.)
typ. 19,5
−
typ.
−40
s.s.b. (class-AB)
28
0,05
28
100 (P.E.P.)
typ. 19,0
typ. 42
typ.
−30
PIN CONFIGURATION
Fig.1 Simplified outline. SOT121B.
handbook, halfpage
MLA876
43
2
1
PINNING - SOT121B.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com