Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLW78 Datasheet HTML 5Page - NXP Semiconductors BLW78 Datasheet HTML 6Page - NXP Semiconductors BLW78 Datasheet HTML 7Page - NXP Semiconductors BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors BLW78 Datasheet HTML 10Page - NXP Semiconductors BLW78 Datasheet HTML 11Page - NXP Semiconductors BLW78 Datasheet HTML 12Page - NXP Semiconductors BLW78 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
August 1986
9
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
OPERATING NOTE
Below 50 MHz a base-emitter resistor of 4,7
Ω is
recommended to avoid oscillation. This resistor must be
effective for r.f. only.
Fig.12 Input impedance (series components).
handbook, halfpage
0
100
200
3
−3
1
2
MGP553
0
−1
−2
ri
xi
xi
ri
ri, xi
(
Ω)
f (MHz)
VCE = 28 V; PL = 100 W; Th =25 °C;
typical values; class-B operation.
Fig.13 Load impedance (series components).
handbook, halfpage
0
100
200
6
0
4
MGP554
2
RL, XL
(
Ω)
f (MHz)
RL
XL
VCE = 28 V; PL = 100 W; Th =25 °C;
typical values; class-B operation.
Fig.14
handbook, halfpage
0
100
200
30
0
20
MGP555
10
Gp
(dB)
f (MHz)
typ
VCE = 28 V; PL = 100 W; Th =25 °C;
typical values; class-B operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com