Electronic Components Datasheet Search
  English  ▼

X  

BLW78 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLW78
Description  HF/VHF power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW78 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLW78 Datasheet HTML 7Page - NXP Semiconductors BLW78 Datasheet HTML 8Page - NXP Semiconductors BLW78 Datasheet HTML 9Page - NXP Semiconductors BLW78 Datasheet HTML 10Page - NXP Semiconductors BLW78 Datasheet HTML 11Page - NXP Semiconductors BLW78 Datasheet HTML 12Page - NXP Semiconductors BLW78 Datasheet HTML 13Page - NXP Semiconductors BLW78 Datasheet HTML 14Page - NXP Semiconductors BLW78 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
August 1986
11
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW78
List of components:
C1 = 33 pF ceramic capacitor (500 V)
C2 = 100 pF air dielectric trimmer (single insulated rotor type)
C3 = 280 pF air dielectric trimmer (single non-insulated rotor type)
C4 = 180 pF polystyrene capacitor
C5 = C6 = C7 = 3,9 nF ceramic capacitor
C8 = 2
× 33 pF ceramic capacitors in parallel (500 V)
C9 = 330 nF polyester capacitor
C10 = 82 pF ceramic capacitor (500 V)
C11 = 100 pF air dielectric trimmer (single insulated rotor type)
C12 = 180 pF air dielectric trimmer (single non-insulated rotor type)
C13 = 150 pF polystyrene capacitor
C14 = 390 nF polyester capacitor
L1 = 72 nH; 3 turns Cu wire (1,0 mm); int. dia. 7 mm; length 4,8 mm; leads 2
× 5 mm
L2 = Cu strip (28 mm
× 5mm × 0,2 mm); 18 mm at 3 mm above printed-circuit board
L3 = Ferroxcube choke coil (cat. no. 4312 020 36640)
L4 = 300 nH; 6 turns Cu wire (1,5 mm); int. dia. 12 mm; length 16 mm; leads 2
× 5 mm
L5 = 330 nH; 7 turns Cu wire (1,5 mm); int. dia. 12 mm; length 20,8 mm; leads 2
× 5 mm
R1 = 1,5 k
Ω (± 5%) carbon resistor (0,5 W)
R2 = 100
Ω (± 5%) carbon resistor (0,5 W)
R3 = 68
Ω (± 5%) carbon resistor (0,5 W)
R4 = 100
Ω wirewound potentiometer
R5 = 33
Ω (± 5%) carbon resistor (0,5 W)
R6 = 0,68
Ω (± 10%) wirewound resistor (7 W)
R7 = 120
Ω wirewound resistor (8 W)
R8 = 10
Ω (± 10%) carbon resistor (0,5 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com