Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 22Page - National Semiconductor (TI) DP83849IF Datasheet HTML 23Page - National Semiconductor (TI) DP83849IF Datasheet HTML 24Page - National Semiconductor (TI) DP83849IF Datasheet HTML 25Page - National Semiconductor (TI) DP83849IF Datasheet HTML 26Page - National Semiconductor (TI) DP83849IF Datasheet HTML 27Page - National Semiconductor (TI) DP83849IF Datasheet HTML 28Page - National Semiconductor (TI) DP83849IF Datasheet HTML 29Page - National Semiconductor (TI) DP83849IF Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
26
www.national.com
3.5 Flexible MII Port Assignment
The DP83849IF supports a flexible assignment scheme for
each of the channels to the MII/RMII interface. Either of
the MII ports may be assigned to the internal channels A/B.
These values are controlled by the RMII and Bypass Reg-
ister (RBR), address 17h.
Transmit assignments and
Receive assignments can be made separately to allow
even more flexibility (i.e. both channels could transmit from
MII A while still allowing separate receive paths for the
channels).
In addition, the opposite receive channel may be used as
the transmit source for each channel.
As shown in
Figure 4, Channel A receive data may be used as the
Channel B transmit data source while Channel B receive
data may be used as the Channel A transmit data source.
For proper clock synchronization, this function requires the
device be in RMII mode or Single Clock MII mode of opera-
tion.
A configuration strap is provided on pin 56,
RXD2_B/EXTENDER_EN to enable this mode.
MII
Channel A
Port
A
TX
RX
TX
RX
MII
Channel B
Port
B
TX
RX
TX
RX
10BASE-T
100BASE-TX
or
100BASE-FX
10BASE-T
100BASE-TX
or
100BASE-FX
Figure 4. MII Port Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com