Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 25Page - National Semiconductor (TI) DP83849IF Datasheet HTML 26Page - National Semiconductor (TI) DP83849IF Datasheet HTML 27Page - National Semiconductor (TI) DP83849IF Datasheet HTML 28Page - National Semiconductor (TI) DP83849IF Datasheet HTML 29Page - National Semiconductor (TI) DP83849IF Datasheet HTML 30Page - National Semiconductor (TI) DP83849IF Datasheet HTML 31Page - National Semiconductor (TI) DP83849IF Datasheet HTML 32Page - National Semiconductor (TI) DP83849IF Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
29
www.national.com
3.5.4 Strapped Extender or Media Converter Mode
The DP83849IF provides a simple strap option to automat-
ically configure both channels for Extender or Media Con-
verter
Mode
with
no
device
register
configuration
necessary.
The EXTENDER_EN Strap can be used in
conjunction with the Auto-Negotiation Straps (AN_EN,
AN0, AN1), the RMII Mode Strap, and the Fiber Mode
(FX_EN) Strap to allow many possible configurations. If
Extender Mode is strapped but RMII Mode is not, both
channels will automatically be configured for Single Clock
MII Receive and Transmit Modes.
The optional use of
RMII Mode in conjunction with Extender Mode allows flexi-
bility in the system design.
Several common configurations are shown in Table 11.
Table 11. Common Strapped Extender/Media Converter Mode Configurations
3.5.5 Notes and Restrictions
— Extender/Media Converter: Both channels must be op-
erating at the same speed (10 or 100Mb). This can be
accomplished using straps or channel register controls.
Both channels must be in Full Duplex mode. Both chan-
nels must either be in RMII Mode (RBR:RMII_EN = 1) or
full Single Clock MII Mode (RBR:SCMII_RX = 1 and
RBR:SCMII_TX = 1) to ensure synchronous operation. If
only one RX to TX path is enabled, SCMII_RX in the RX
channel (RBR register 17h bit 7) and SCMII_TX in the
TX channel (RBR register 17h bit 6) must be set to 1.
Media Conversion is only supported in 100Mb mode;
one channel must be in Fiber Mode (100Base-FX) and
the other channel must be in Copper Mode (100Base-
TX).
— Broadcast TX MII Port Mode: To ensure synchronous
operation, both channels must be in RMII Mode (RBR
register 17h bit 5 = 1) or in Single Clock TX MII Mode
(RBR register 17h bit 6 = 1). Both channels must be op-
erating at the same speed (10 or 100Mb). Both channels
must be in Full Duplex mode to ensure no collisions are
seen. This is because in Single Clock TX MII Mode, a
collision on one PHY channel would cause both chan-
nels to send the Jam pattern.
— RMII Mode: Both Channels must have RMII Mode en-
abled or disabled concurrently due to the internal refer-
ence clocking scheme. In Full Port Swap Mode,
Channels are not required to have a common speed.
— 10Base-T Serial Mode: This MAC-side mode, also
known as Serial Network Interface (SNI), may not be
used when both channels share data connections (Ex-
tender/Media Converter or Broadcast TX MII Port). This
is due to the requirement of synchronous operation be-
tween channels, which is not supported in SNI Mode.
— CRS Assignment: When a channel is not in RMII Mode,
its associated CRS pin is sourced from the transmitter
and controlled by the TX MII Port Assignment, bits [10:9]
of RBR (17h). When a channel is in RMII Mode, the as-
sociated CRS pin is sourced from the receiver and con-
trolled by the RX MII Port Assignment, bits [12:11] of
RBR (17h).
— Output Enables: Flexible MII Port Assignment does not
control signal output enables.
— Test Modes: Test modes are not designed to be com-
patible with Flexible MII Port Selection, which assumes
default MII pin directions.
— LED Assignment: LEDs are associated with their re-
spective digital channels, and therefore do not get
mapped to alternate channels. For example, assertion
of LED_LINK_A indicates valid link status for Channel A
independent of the MII Port Assignment.
— Straps: Strap pins are always associated with their re-
spective channel, i.e. a strap on RX_ER_A is used by
Channel A.
— Port Isolate Mode: Each MII port’s Isolate function, bit
10 of BMCR (00h) is always associated with its respec-
tive channel, i.e. the Isolate function for Port A is always
controlled by Channel A’s BMCR (00h). Due to the var-
ious possible combinations of TX and RX port selection,
it may not be advisable to place a port in Isolate mode.
— Energy Detect and Powerdown Modes: The output
enables for each MII port are always controlled by the re-
spective channel Energy Detect and Powerdown func-
tions. These functions should be disabled whenever an
MII port is in use but not assigned to its default channel.
Note that Extender/Media Converter modes allow the
use of Energy Detect and Powerdown modes if the RX
MII ports are not in use.
Mode
Auto-Negotiation Straps
Fiber Mode Straps
100Mb Copper Extender
Both channels are forced to 100Mb Full Duplex
Disabled for both channels
100Mb Fiber Extender
N/A
Enabled for both channels
10Mb Copper Extender
Both channels are forced to 10Mb Full Duplex
Disabled for both channels
100Mb Media Converter
One channel is forced to 100Mb Full Duplex
Enabled for the other channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com