Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 44Page - National Semiconductor (TI) DP83849IF Datasheet HTML 45Page - National Semiconductor (TI) DP83849IF Datasheet HTML 46Page - National Semiconductor (TI) DP83849IF Datasheet HTML 47Page - National Semiconductor (TI) DP83849IF Datasheet HTML 48Page - National Semiconductor (TI) DP83849IF Datasheet HTML 49Page - National Semiconductor (TI) DP83849IF Datasheet HTML 50Page - National Semiconductor (TI) DP83849IF Datasheet HTML 51Page - National Semiconductor (TI) DP83849IF Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
48
www.national.com
5.8.3.4 TDR Results
The TDR function monitors data from the Analog to Digital
Converter (ADC) to detect both peak values and values
above a programmable threshold. It can be programmed
to detect maximum or minimum values.
In addition, it
records the time, in 8ns intervals, at which the peak or
threshold value first occurs. The results of a TDR peak and
threshold measurement are available in the TDR Peak
Measurement Register (TDR_PEAK), address 18h and
TDR
Threshold
Measurement
Register
(TDR_THR),
address 19h. The threshold measurement may be a more
accurate method of measuring the length for longer cables
to provide a better indication of the start of the received
pulse, rather than the peak value.
Software utilizing the TDR function should implement an
algorithm to send TDR pulses and evaluate results. Multi-
ple runs should be used to best qualify any received pulses
as multiple reflections could exist. In addition, when moni-
toring the transmitting pair, the window feature should be
used to disqualify the transmitted pulse. Multiple runs may
also be used to average the values providing more accu-
rate results.
Actual distance measurements are dependent on the
velocity of propagation of the cable. The delay value is typ-
ically on the order of 4.6 to 4.9 ns/m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com