Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 12Page - National Semiconductor (TI) DP83849IF Datasheet HTML 13Page - National Semiconductor (TI) DP83849IF Datasheet HTML 14Page - National Semiconductor (TI) DP83849IF Datasheet HTML 15Page - National Semiconductor (TI) DP83849IF Datasheet HTML 16Page - National Semiconductor (TI) DP83849IF Datasheet HTML 17Page - National Semiconductor (TI) DP83849IF Datasheet HTML 18Page - National Semiconductor (TI) DP83849IF Datasheet HTML 19Page - National Semiconductor (TI) DP83849IF Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
16
www.national.com
1.8 10 Mb/s and 100 Mb/s PMD Interface
1.9 Special Connections
1.10 Power Supply Pins
Signal Name
Type
Pin #
Description
TPTDM_A/FXTDM_A
TPTDP_A/FXTDP_A
TPTDM_B/FXTDM_B
TPTDP_B/FXTDP_B
I/O
26
27
36
35
10BASE-T or 100BASE-TX or 100BASE-FX Transmit Data
In 10BASE-T or 100BASE-TX: Differential common driver trans-
mit output (PMD Output Pair). These differential outputs are auto-
matically configured to either 10BASE-T or 100BASE-TX
signaling.
In Auto-MDIX mode of operation, this pair can be used as the Re-
ceive Input pair.
In 100BASE-FX mode, this pair becomes the 100BASE-FX
Transmit pair.
These pins require 3.3V bias for operation.
TPRDM_A/FXRDM_A
TPRDP_A/FXRDP_A
TPRDM_B/FXRDM_B
TPRDP_B/FXRDP_B
I/O
23
24
39
38
10BASE-T or 100BASE-TX or 100BASE-FX Receive Data
In 10BASE-T or 100BASE-TX: Differential receive input (PMD In-
put Pair). These differential inputs are automatically configured to
accept either 100BASE-TX or 10BASE-T signaling.
In Auto-MDIX mode of operation, this pair can be used as the
Transmit Output pair.
In 100BASE-FX mode, this pair becomes the 100BASE-FX
Receive pair.
These pins require 3.3V bias for operation.
FXSD_A
(LED_SPEED_A/AN1_A)
FXSD_B
(LED_SPEED_B/AN1_B)
I
20
42
FX Signal Detect: This pin provides the Signal Detect input for
100BASE-FX mode.
Signal Name
Type
Pin #
Description
RBIAS
I
32
Bias Resistor Connection: A 4.87 k
Ω 1% resistor should be con-
nected from RBIAS to GND.
PFBOUT
O
31
Power Feedback Output: Parallel caps, 10
µ F and 0.1µF, should
be placed close to the PFBOUT. Connect this pin to PFBIN1 (pin
13), PFBIN2 (pin 27), PFBIN3 (pin35), PFBIN4 (pin 49). See
Section 5.5 for proper placement pin.
PFBIN1
PFBIN2
PFBIN3
PFBIN4
I
7
28
34
54
Power Feedback Input: These pins are fed with power from
PFBOUT pin. A small capacitor of 0.1
µF should be connected
close to each pin.
Note: Do not supply power to these pins other than from
PFBOUT.
Signal Name
Pin #
Description
IOVDD1, IOVDD2, IOVDD3,
IOVDD4
11,51,65,78
I/O 3.3V Supply
IOGND1, IOGND2,
IOGND3, IOGND4
10,52,64,77
I/O Ground
COREGND1, COREGND2
6,55
Core Ground
CDGND1, CDGND2
25,37
CD Ground
ANA33VDD
30
Analog 3.3V Supply
ANAGND1, ANAGND2,
ANAGND3, ANAGND4
22,29,33,40
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com