Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 38Page - National Semiconductor (TI) DP83849IF Datasheet HTML 39Page - National Semiconductor (TI) DP83849IF Datasheet HTML 40Page - National Semiconductor (TI) DP83849IF Datasheet HTML 41Page - National Semiconductor (TI) DP83849IF Datasheet HTML 42Page - National Semiconductor (TI) DP83849IF Datasheet HTML 43Page - National Semiconductor (TI) DP83849IF Datasheet HTML 44Page - National Semiconductor (TI) DP83849IF Datasheet HTML 45Page - National Semiconductor (TI) DP83849IF Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
42
www.national.com
5.2 Fiber Network Circuit
Figure 13 shows the recommended circuit for a 100 Mb/s
fiber pair interface.
Figure 13. 100 Mb/s Fiber Pair Interface
FXTDP
FXTDM
FXRDP
FXRDM
130
Ω
80
Ω
130
Ω
Vdd
All values are typical and are +/- 1%
PLACE RESISTORS AND
CAPACITORS CLOSE TO
THE DEVICE.
PLACE RESISTORS
CLOSE TO THE FIBER
TRANSCEIVER.
0.1 uF
0.1 uF
130
Ω
80
Ω
80
Ω
50
Ω
50
Ω
130
Ω 130Ω
FXSD
80
Ω
80
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com