Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 27Page - National Semiconductor (TI) DP83849IF Datasheet HTML 28Page - National Semiconductor (TI) DP83849IF Datasheet HTML 29Page - National Semiconductor (TI) DP83849IF Datasheet HTML 30Page - National Semiconductor (TI) DP83849IF Datasheet HTML 31Page - National Semiconductor (TI) DP83849IF Datasheet HTML 32Page - National Semiconductor (TI) DP83849IF Datasheet HTML 33Page - National Semiconductor (TI) DP83849IF Datasheet HTML 34Page - National Semiconductor (TI) DP83849IF Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
31
www.national.com
Figure 6. Typical MDC/MDIO Write Operation
3.6.3 Serial Management Preamble Suppression
The DP83849IF supports a Preamble Suppression mode
as indicated by a one in bit 6 of the Basic Mode Status
Register (BMSR, address 01h.) If the station management
entity (i.e. MAC or other management controller) deter-
mines that all PHYs in the system support Preamble Sup-
pression by returning a one in this bit, then the station
management entity need not generate preamble for each
management transaction.
The DP83849IF requires a single initialization sequence of
32 bits of preamble following hardware/software reset. This
requirement is generally met by the mandatory pull-up
resistor on MDIO in conjunction with a continuous MDC, or
the management access made to determine whether Pre-
amble Suppression is supported.
While
the
DP83849IF
requires
an
initial
preamble
sequence of 32 bits for management initialization, it does
not require
a full 32-bit sequence between each subsequent transac-
tion. A minimum of one idle bit between management
transactions is required as specified in the IEEE 802.3u
specification.
3.6.4 Simultaneous Register Write
The DP83849IF incorporates a mode which allows simulta-
neous write access to both Port A and B register blocks at
the same time. This mode is selected by setting bit 15 of
RMII and Bypass Register (RBR, address 17h) in Port A.
As long as this bit remains set, subsequent writes to Port A
will write to registers in both ports.
Register reads are unaffected. Each port must still be read
individually.
MDC
MDIO
00
0
11
11 0 0 0 0 000
(STA)
Idle
Start
Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
0 0 0
0 00
0 0 0 0 0 000 Z
Idle
10 0
0
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com