Electronic Components Datasheet Search
  English  ▼

X  

DP83849IF Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849IF
Description  PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849IF Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button DP83849IF Datasheet HTML 100Page - National Semiconductor (TI) DP83849IF Datasheet HTML 101Page - National Semiconductor (TI) DP83849IF Datasheet HTML 102Page - National Semiconductor (TI) DP83849IF Datasheet HTML 103Page - National Semiconductor (TI) DP83849IF Datasheet HTML 104Page - National Semiconductor (TI) DP83849IF Datasheet HTML 105Page - National Semiconductor (TI) DP83849IF Datasheet HTML 106Page - National Semiconductor (TI) DP83849IF Datasheet HTML 107Page - National Semiconductor (TI) DP83849IF Datasheet HTML 108Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
104
www.national.com
8.2 AC Specs (Continued)
8.2.28 Single Clock MII (SCMII) Transmit Timing
Note: Latency measurement is made from the X1 Rising edge to the first bit of symbol.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.28.1
X1 Clock Period
25MHz Reference Clock
40
ns
T2.28.2
TXD[3:0], TX_EN Data Setup
To X1 rising
4
ns
T2.28.3
TXD[3:0], TX_EN Data Hold
From X1 rising
2
ns
T2.28.4
X1 Clock to PMD Output Pair
Latency (100Mb)
100BASE-TX or 100BASE-FX
13
bits
TXD[3:0]
TX_EN
Valid Data
T2.28.2
T2.28.3
PMD Output Pair
Symbol
T2.28.4
X1
T2.28.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com