Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5384 Datasheet HTML 28Page - Analog Devices AD5384 Datasheet HTML 29Page - Analog Devices AD5384 Datasheet HTML 30Page - Analog Devices AD5384 Datasheet HTML 31Page - Analog Devices AD5384 Datasheet HTML 32Page - Analog Devices AD5384 Datasheet HTML 33Page - Analog Devices AD5384 Datasheet HTML 34Page - Analog Devices AD5384 Datasheet HTML 35Page - Analog Devices AD5384 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
AD5384
Rev. A | Page 35 of 36
OUTLINE DIMENSIONS
B
C
D
E
F
G
H
J
K
L
M
A
SEATING
PLANE
0.34 NOM
0.29 MIN
DETAILA
0.50*
0.45
0.40
BALL DIAMETER
0.12 MAX
COPLANARITY
0.80 BSC
8.80
BSC
12 11 10 9
8 7 654 32 1
A1 CORNER
INDEX AREA
TOP VIEW
BOTTOM
VIEW
10.00
BSC SQ
BALL A1
PAD CORNER
DETAIL A
2.50 SQ
1.40
1.35
1.20
1.11
1.01
0.91
0.65 REF
*COMPLIANT TO JEDEC STANDARDS MO-205AC
WITH THE EXCEPTION OF BALL DIAMETER.
Figure 40. 100-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-100-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Resolution
Temperature Range
AVDD
Range
Output
Channels
Linearity
Error (LSB)
Package
Description
Package
Option
AD5384BBC-5
14 Bits
–40°C to +85°C
4.5 V to 5.5 V
40
±4
100-Lead CSPBGA
BC-100-2
AD5384BBC-5REEL7
14 Bits
–40°C to +85°C
4.5 V to 5.5 V
40
±4
100-Lead CSPBGA
BC-100-2
AD5384BBC-3
14 Bits
–40°C to +85°C
2.7 V to 3.6 V
40
±4
100-Lead CSPBGA
BC-100-2
AD5384BBC-3REEL7
14 Bits
–40°C to +85°C
2.7 V to 3.6 V
40
±4
100-Lead CSPBGA
BC-100-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com