Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 1 Page - Analog Devices

  AD5384 Datasheet HTML 1Page - Analog Devices AD5384 Datasheet HTML 2Page - Analog Devices AD5384 Datasheet HTML 3Page - Analog Devices AD5384 Datasheet HTML 4Page - Analog Devices AD5384 Datasheet HTML 5Page - Analog Devices AD5384 Datasheet HTML 6Page - Analog Devices AD5384 Datasheet HTML 7Page - Analog Devices AD5384 Datasheet HTML 8Page - Analog Devices AD5384 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
40-Channel, 3 V/5 V, Single-Supply,
Serial, 14-Bit Voltage Output DAC
AD5384
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Guaranteed monotonic
INL error: ±4 LSB max
On-chip 1.25 V/2.5 V, 10 ppm/°C reference
Temperature range: –40°C to +85°C
Rail-to-rail output amplifier
Power-down
Package type: 100-lead CSPBGA (10 mm × 10 mm)
User Interfaces:
Serial (SPI-®/QSPI-™/MICROWIRE-™/DSP-compatible,
featuring data readback)
I2C-®compatible
INTEGRATED FUNCTIONS
Channel monitor
Simultaneous output update via LDAC
Clear function to user-programmable code
Amplifier boost mode to optimize slew rate
User-programmable offset and gain adjust
Toggle mode enables square wave generation
Thermal monitor
APPLICATIONS
Variable optical attenuators (VOA)
Level setting (ATE)
Optical micro-electro-mechanical systems (MEMS)
Control systems
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
R
R
VOUT0
DAC 0
DAC
REG 0
INPUT
REG 0
14
14
14
14
14
14
m REG 0
c REG 0
1.25V/2.5V
REFERENCE
POWER-ON
RESET
39-TO-1
MUX
R
R
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
DAC 1
DAC
REG 1
INPUT
REG 1
14
14
14
14
14
14
m REG 1
c REG 1
R
R
VOUT6
DAC 6
DAC
REG 6
INPUT
REG 6
14
14
14
14
14
14
m REG 6
c REG 6
R
R
VOUT7
VOUT8
DAC 7
DAC
REG 7
INPUT
REG 7
14
14
14
14
14
14
m REG 7
c REG 7
×5
STATE
MACHINE
+
CONTROL
LOGIC
INTERFACE
CONTROL
LOGIC
VOUT0……VOUT38
RESET
BUSY
CLR
PD
DIN/SDA
SPI/I2C
SCLK/SCL
SYNC/AD 0
DCEN/AD 1
SDO
VOUT39/MON_OUT
LDAC
VOUT38
DVDD (×3)
DGND (×4)
AVDD (×5)
AGND (×5)
DAC GND (×5)
REFGND
REFOUT/REFIN
SIGNAL GND (×5)
AD5384
Figure 1.


Similar Part No. - AD5384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
AD5384BBC-5 AD-AD5384BBC-5 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5384BBC-5 AD-AD5384BBC-5 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
More results

Similar Description - AD5384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5390 AD-AD5390 Datasheet
1Mb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
4/04-Revision 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5381 AD-AD5381 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
6/04-Data Sheet Changed from Rev. 0 to Rev. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com